Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

131C13050X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 131C13050X
Description  HIGH POWER CONTACT MALE SOLDER PIN 90°/ Ø 3,2 / 30A D-SUB COMBINATION / SHELL SIZE 5
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

131C13050X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  131C13050X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
13K1A1204
A4
1
HIGH POWER CONTACT MALE
SEE NOTES
Schmidt
15.07.2004
15.07.2004 Mickenbecker
SOLDER PIN 90°/ Ø 3,2 / 30A
D-SUB COMBINATION / SHELL SIZE 5
5:1
SEE TABLE
a
Original
5,7
- 0,1
0
+
3,62 - 0
0,1
+
1,28 `0,1
15 `0,1
26,5 `0,3
3,2
n
`0,05
1
3
2
NOTES:
1. MATERIAL:
ITEM 1+2: COPPER ALLOY
ITEM 3: STAINLESS STEEL
2. PLATING:
ITEM 1: SEE TABLE
ITEM 2: TIN PLATED
PLATING ITEM 1
PART-NO.
8µ" HARD GOLD OVER min. 50µ" NICKEL
131A13050X
30µ" HARD GOLD OVER min. 50µ" NICKEL
131C13050X
Directive 2002/95/EC RoHS compliant


Similar Part No. - 131C13050X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
131C13059X CONEC-131C13059X Datasheet
102Kb / 1P
HIGH POWER CONTACT MALE SOLDER PIN 90° / Ø3,2 / 30A D-SUB COMBINATION
08.10.2001
131C13059X CONEC-131C13059X Datasheet
102Kb / 1P
HIGH POWER CONTACT MALE SOLDER PIN 90° / Ø3,2 / 30A D-SUB COMBINATION
08.10.2001
More results

Similar Description - 131C13050X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
131A13029X CONEC-131A13029X Datasheet
81Kb / 1P
HIGH POWER CONTACT MALE SOLDER PIN 90° / Ø3,2 / 30A D-SUB COMBINATION
23.03.1998
131A13059X CONEC-131A13059X Datasheet
102Kb / 1P
HIGH POWER CONTACT MALE SOLDER PIN 90° / Ø3,2 / 30A D-SUB COMBINATION
08.10.2001
131A13070X CONEC-131A13070X Datasheet
192Kb / 1P
HIGH POWER CONTACT MALE SOLDER PIN 90°, Ø 3,2 , 30A D-SUB COMBINATION
21.06.2004
131C13029X CONEC-131C13029X Datasheet
81Kb / 1P
HIGH POWER CONTACT MALE SOLDER PIN 90° / Ø3,2 / 30A D-SUB COMBINATION
23.03.1998
131C13049X CONEC-131C13049X Datasheet
166Kb / 1P
HIGH POWER CONTACT MALE SOLDER PIN 90°, Ø 3,75 , 40A D-SUB COMBINATION
05.01.2015
131C13059X CONEC-131C13059X Datasheet
102Kb / 1P
HIGH POWER CONTACT MALE SOLDER PIN 90° / Ø3,2 / 30A D-SUB COMBINATION
08.10.2001
131C13070X CONEC-131C13070X Datasheet
192Kb / 1P
HIGH POWER CONTACT MALE SOLDER PIN 90°, Ø 3,2 , 30A D-SUB COMBINATION
21.06.2004
131C13149X CONEC-131C13149X Datasheet
83Kb / 1P
HIGH POWER CONTACT MALE SOLDER PIN 90° / Ø3,75 / 30A D-SUB COMBINATION
30.06.2016
132A13070X CONEC-132A13070X Datasheet
196Kb / 1P
HIGH POWER CONTACT FEMALE SOLDER PIN 90°, Ø 3,2 , 30A D-SUB COMBINATION
22.06.2004
132C13070X CONEC-132C13070X Datasheet
196Kb / 1P
HIGH POWER CONTACT FEMALE SOLDER PIN 90°, Ø 3,2 , 30A D-SUB COMBINATION
22.06.2004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com