Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QSA Datasheet(PDF) 2 Page - ITT Industries

Part # QSA
Description  Excellent tactile feel, SMT switch adapted for low current, Only actuate 1 direction at a time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

QSA Datasheet(HTML) 2 Page - ITT Industries

  QSA Datasheet HTML 1Page - ITT Industries QSA Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.8
2.54 2.54 2.54 2.54
8.5˚ 8.5˚
17.6
±0.2
15
ø1
ø 1.6
ø 3.5
±0.05
2
pivotal point
type designation
deflection with F=4N
Z
3
2
4
1
F
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
C-2
C
QSA2S H1
QSA Series
ø 1
ø 1.6
2.54 2.542.54 2.54
0.8
15
ø 3.5
±0.05
8.5˚
8.5˚
2 -0.05
pivotal point
type
designation
1
2
deflection with F= 4N
Z
F
QSA4S H1
2.2
1.2
ø 1.8
+0.1
ø 1.2
+0.1
mounting side
K1
K2
M1,2
circuit diagram
PAD LAYOUT
14.6
14
ø 1.8
+0.1
ø 1.2
+0.1
1.2
1.8
12.6
2.54
2.54
2.54 2.54
mounting side
K1
K2
M1,2
K3
K4
M3,4
M3,4
circuit diagram
PAD LAYOUT
VIEW Z
VIEW Z
yellow surface:
terminals and top plate
fixations to be soldered
with Infrared process
green surface:
bearing point -to keep
free from PCB lines
red hole:
snap-in pges and
positioning pins to get
through the PCB but not
to be soldered
yellow surface:
terminals and top plate
fixations to be soldered
with Infrared process
green surface:
bearing point -to keep
free from PCB lines
red hole:
snap-in pges and
positioning pins to get
through the PCB but not
to be soldered



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com