Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCXL010DN Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SCXL010DN
Description  Microstructure Pressure Sensors Precision Compensated 0 in H2O to 4 in H2O and 0 in H2O to 10 in H2O
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SCXL010DN Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SCXL010DN Datasheet HTML 1Page - Honeywell Solid State Electronics Center SCXL010DN Datasheet HTML 2Page - Honeywell Solid State Electronics Center SCXL010DN Datasheet HTML 3Page - Honeywell Solid State Electronics Center SCXL010DN Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microstructure Pressure Sensors
Precision Compensated
0 in H
2O to 4 in H2O and 0 in H2O to 10 in H2O
SCXL Series
GENERAL SPECIFICATIONS
Characteristic
Description (Maximum Ratings)
SCXL004DN
Description (Maximum Ratings)
SCXL010DN
Supply Voltage (VS)
18 Vdc
20 Vdc
Common Mode Pressure
150 in H2O
50 psig
Lead Soldering Temperature
(2 seconds to 4 seconds)
250 °C [482
°F]
250 °C [482
°F]
Proof Pressure
(12)
10 in H2O
10 psi
Burst Pressure
5 psi
200 in H
2O
ENVIRONMENTAL SPECIFICATIONS
Characteristic
Description (Maximum Ratings)
SCXL004DN
Description (Maximum Ratings)
SCXL010DN
Compensated Operating Temperature
0 °C to 50 °C [32
°F to 122 °F]
0 °C to 50 °C [32
°F to 122 °F]
Operating Temperature
0 °C to 70 °C [32
°F to 158 °F]
-40 °C to 85 °C [-40
°F to 185 °F]
Storage Temperature
0 °C to 70 °C [32
°F to 158 °F]
-40 °C to 125 °C [-40
°F to 257 °F]
Humidity Limits
0 % to 100 % RH
0 % to 100 % RH
PRESSURE RANGE SPECIFICATIONS
Full-Scale Span
(1)
Listing
Operating Pressure
Proof Pressure
(2)
Min.
Typ.
Max.
SCXL004DN
0 in H2O to 4 in H2O
10 in H2O
38.0 mV
40.0 mV
42.0 mV
SCXL010DN
0 in H2O to10 in H2O
10 psi
19.5 mV
20.0 mV
20.5 mV
SCXL004DN PERFORMANCE CHARACTERISTICS
(3)
Characteristic
Min.
Typ.
Max.
Unit
Zero Pressure Offset
(4)
-1.5
0
1.5
mV
Sensitivity
–
10
–
mV/in H
2O
Combined Pressure Non-Linearity and Pressure Hysteresis
(5)
–
±0.5
±1.0
% FSS
Temperature Effect on Span 0 °C -50 °C [32
°F to 122 °F] (6)
–
±0.2
±0.1
% FSS
Temperature Effect on Offset 0 °C -50 °C [32
°F to 122 °F] (6)
–
±0.5
±2.0
mV
Repeatability
(7)
–
±0.2
–
% FSS
Input Resistance
(8)
–
4.0
–
kOhm
Output Resistance
(9)
–
4.0
–
kOhm
Common Mode Voltage
(10)
5.7
6.0
6.3
Vdc
Response Time
(11)
–
500
–
Microsec.
Long Term Stability of Offset and Span
(12)
–
±0.5
–
% FSS
Position Sensitivity
–
0.25
–
mV/g
2 Honeywell
• Sensing and Control



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com