Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16C752BTPTREP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C752BTPTREP
Description  3.3-V DUAL UART WITH 64-BYTE FIFO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752BTPTREP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TL16C752BTPTREP Datasheet HTML 18Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 19Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 20Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 21Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 22Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 23Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 24Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 25Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
TL16C752B-EP
3.3-V DUAL UART WITH 64-BYTE FIFO
SGLS153 – FEBRUARY 2003
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
td17
td18
TXRDY (A–B)
IOW
Active
Trigger
Lead
Byte 32
D0–D7
Start
Bit
5 Data Bits
6 Data Bits
7 Data Bits
Parity
Bit
Stop
Bit
Data Bits (5–8)
TX (A–B)
D0
D1
D2
D3
D4
D5
D6
D7
Figure 20. Transmit Ready Timing in FIFO Mode
timing error condition
Texas Instruments has discovered a timing anomaly in the TL16C752B-EP.
The problem only occurs under a special set of circumstances (non-FIFO mode) and can be worked around
by using certain timing. Depending on actual system application, some customers may not see this problem.
There are currently no plans to fix this problem, because it is felt that it is a minor issue. It is unlikely the device
is used in non-FIFO mode, and if it is, the software workaround does not have a significant impact on throughput
(< 1%).
problem description
When using the non-FIFO (single byte) mode of operation, it is possible that valid data could be reported as
available by either the line status register (LSR) or the interrupt identification register (IIR), before the receiver
holding register (RHR) can be read. In other words, the loading of valid data in RHR may be delayed when the
part operates in non-FIFO mode. The data in the RHr is valid after a delay of one baud-clock period after the
update of the LSR or IIR. The baud-clock runs at 16X the baud rate. The following table is a sample of baud
rates and associated required delays. Depending on the operating environment, this time may well be
transparent to the system, e.g., less than the context switch time of the interrupt service routine.
This problem does not exist when using FIFO mode (64 byte) mode of operation.
BAUDRATE (BIT PER SECOND)
REQUIRED DELAY (
µs)
1200
52.1
µs
2400
26
µs
4800
13
µs
9600
6.5
µs
19200
3.3
µs
38400
1.6
µs
57600
1.1
µs
115200
0.5
µs
1000000
62.5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com