Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DTA Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2DTA
Description  Thin Film on Silicon 2DEA Integrated ESD Protection Diode Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2DTA Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2DTA Datasheet HTML 1Page - Bourns Electronic Solutions 2DTA Datasheet HTML 2Page - Bourns Electronic Solutions 2DTA Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2DTA High Performance Memory Bus Terminator
A
.635
(.025)
TYP.
3.81 - 3.99
(.150 - .157)
PIN 1
.21 - .31
(.008 - .012)
1.35 - 1.75
(.053 - .069)
.10 - .25
(.004 - .010)
0-8 °
.19 - .25
(.007 - .010)
.41 - 1.27
(.016 - .050)
5.80 - 6.20
(.228 - .244)
Model
A
2QSP24
8.56 - 8.74 (.337 - .344)
Governing dimensions are in mm. Dimensions in
parentheses are in inches and are approximate.
JEDEC Reference Number MO-137.
Mechanical Characteristics
QSOP Package Dimensions
QSOP Package Power Temperature Derating Curve
Typical Part Marking
AMBIENT TEMPERATURE ( C )
°
1.0
1.25
.75
.50
.25
2QSP24
0
50
75
100
125
150
25
Represents total content. Layout may vary.
005
DTA24Q
YYWW
PRODUCT
FUNCTION
FORWARD
VOLTAGE
PIN COUNT
PACKAGE STYLE
DATE CODE
MANUFACTURER'S
TRADEMARK
PIN 1 INDICATOR
(MOLDED INDENT)
Applications
■
High speed synchronous DRAM, SGRAM, SyncLink memory bus termination
■
High speed SRAM cache
■
100 MHz PCI and AGP bus termination
■
Local bus termination for all popular microprocessors



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com