Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705CT4GRS/D Datasheet(PDF) 140 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 140 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 136Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 137Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 138Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 139Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 140Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 141Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 142Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 143Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 144Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 152 page
background image
Electrical Specifications
General Release Specification
MC68HC705CT4 — Rev. 2.0
140
Electrical Specifications
MOTOROLA
17.8 3.3 V and 5.0 V Control Timing
Characteristic
Symbol
Min
Max
Unit
Frequency of Operation
Crystal
External Clock
fOSC
—
dc
10.24
10.24
MHz
Internal Operating Frequency
Crystal (f
OSC /5)
External Clock (f
OSC /5)
fOP
—
dc
2.048
2.048
MHz
Cycle Time
tCYC
488
—
ns
Crystal Oscillator Startup Time
tOXOV
—
100
ms
Stop Recovery Startup Time (Crystal Oscillator)
tILCH
—
100
ms
RESET Pulse Width
tRL
1.5
—
t
CYC
Interrupt Pulse Width Low (Edge-Triggered)
tILIH
125
—
ns
Interrupt Pulse Period
tILIL
(Note 2)
—
t
CYC
OSC1 Pulse Width
tOH,tOL
90
—
ns
EPROM Byte Programming Time
tEPGM
—
10.0
ms
NOTES:
1. VDD = 3.0 to 5.5 Vdc, VSS = 0 Vdc, TA = 0
oC to +70 oC, unless otherwise noted
2. The minimum period tILIL, should not be less than the number of cycle times it takes to execute the interrupt
service routine plus 2T t
CYC.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com