Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705CT4GRS/D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 17Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 18Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 19Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 20Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 21Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 22Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 23Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 24Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 152 page
background image
General Description
Signal Description
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
General Description
21
The IRQ pin contains an internal Schmitt trigger as part of its input to
improve noise immunity.
NOTE:
The voltage on the IRQ pin affects the mode of operation. See Section
6. Operating Modes.
CAUTION:
Port C interrupt is an external interrupt provided by port C that is
generated when the part comes out of reset. Therefore, an interrupt is
pending that is not being serviced until the CLI instruction is executed.
This interrupt is produced because the state of mask option register
(MOR) is not known until a few clock cycles after the part comes out of
reset. After this interrupt occurs, normal operation resumes, unless the
part is put in reset again.
1.4.4 OSC1 and OSC2
These pins provide control input for an on-chip clock oscillator circuit that
drives the PLL reference source. A crystal resonator, a ceramic
resonator, or an external signal connects to these pins providing a
system clock. The oscillator frequency is selectable between 5 or 40
times the internal bus rate. Typical oscillator configurations and
component values are shown in Figure 1-4. The manufacturer of the
crystal should be consulted, since actual component values are
dependent on the type of crystal used.
Figure 1-4. Oscillator Connections
<
OSC1
OSC2
OSC1
OSC2
MCU
MCU
EXTERNAL CLOCK
UNCONNECTED
(a) Crystal/Ceramic Resonator
(b) External Clock Source
10 M
Ω
10.24 MHz
Oscillator Connections
Connections
15 pF
15 pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com