Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXT10A-3-5SA Datasheet(PDF) 13 Page - Bourns Electronic Solutions

Part # SXT10A-3-5SA
Description  SIP Non-Isolated Power Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SXT10A-3-5SA Datasheet(HTML) 13 Page - Bourns Electronic Solutions

Back Button SXT10A-3-5SA Datasheet HTML 5Page - Bourns Electronic Solutions SXT10A-3-5SA Datasheet HTML 6Page - Bourns Electronic Solutions SXT10A-3-5SA Datasheet HTML 7Page - Bourns Electronic Solutions SXT10A-3-5SA Datasheet HTML 8Page - Bourns Electronic Solutions SXT10A-3-5SA Datasheet HTML 9Page - Bourns Electronic Solutions SXT10A-3-5SA Datasheet HTML 10Page - Bourns Electronic Solutions SXT10A-3-5SA Datasheet HTML 11Page - Bourns Electronic Solutions SXT10A-3-5SA Datasheet HTML 12Page - Bourns Electronic Solutions SXT10A-3-5SA Datasheet HTML 13Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
LONGFORM REV. A 0
7/06
Specifications are subject to change without notice.
Customers should verify device performance in their specific applications.
13
SX(T)10A-3-5SA SIP Non-Isolated Power Module
Recommended Hole Pattern
DIMENSIONS:
MM
(INCHES)
Fig. 33 Recommended Hole Pattern
50.8
(2.00)
5
4
3
2
1
910
B*
8
7
6
1.27
(0.050)
2.54
(0.100)
5.08
(0.200)
7.62
(0.300)
10.16
(0.400)
1.3
(0.05)
7.9
(0.31)
35.56
(1.400)
38.10
(1.500)
40.64
(1.600)
43.18
(1.700)
45.72
(1.800)
48.26
(1.900)
OUTLINE AREA
1.09
(0.043)
THROUGH-HOLE
PLATED
1.63
(0.064)
BOTH SIDES
PAD SIZE
*Hole required with SXT10A option only, not required with SX10A standard
PIN
FUNCTION
1
VOUT
2
VOUT
3
SENSE
4
VOUT
5
GND
6
GND
7
VIN
8
VIN
B (optional)
SEQ
9
TRIM
10
ON/OFF
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com