Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RX016U-A5-0 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-RX016U-A5-0
Description  Telecom PTC Resettable Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RX016U-A5-0 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-RX016U-A5-0 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RX016U-A5-0 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RX016U-A5-0 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RX016U-A5-0 Datasheet HTML 4Page - Bourns Electronic Solutions MF-RX016U-A5-0 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MF-RX/250 Series - Telecom PTC Resettable Fuses
How to Order
MF - RX 012/250 U - A 5 - 2
Multifuse®
Product
Designator
Series
RX = Radial Leaded
Component
Hold Current, Ihold
008-018 (0.08-0.18 Amps)
Max. Interrupt Voltage, V
250 (250 Volts)
Telecom Options
F = Round Version (MF-RX018/250F only)
U = Uncoated (radial parts only)
Resistance Sorted
Narrow resistance ranges -
see Resistance Options chart
Resistance Bins of 0.5 ohms
05 = 0.5 ohm binned parts (epoxy coated)
5 = 0.5 ohm binned parts (uncoated)
Packaging Options
- 0 = Bulk Packaging
- 2 = Tape and Reel* (available with binned
option)
*Packaged per EIA486-B
Typical Time to Trip at 23 °C
1000
100
10
1
0.10
0.01
0
Fault Current (Amps)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0 2.2
2.4
2.6
2.8 3.0
MF-RX018/250, MF-RX018/250F,
MF-RX018/250U
MF-RX012/250 & MF-RX012/250U
MF-RX014/250 & MF-RX014/250U
MF-RX/250, REV. F, 02/06
Initial
Resistance Values
R1max
Bin
Ohms @ 23
°C
Ohms @ 23
°C
Model
Min.
Max.
Max.
MF-RX012/250
4.0
8.0
16.0
0.5
MF-RX012/250-A05
7.0
9.0
16.0
0.5
MF-RX012/250-C05
5.5
7.5
14.0
0.5
MF-RX012/250-F05
6.0
10.5
16.0
0.5
MF-RX012/250-105
6.0
9.0
16.0
0.5
MF-RX012/250-205
8.0
10.5
16.0
0.5
MF-RX012/250-T05
7.0
12.0
16.0
0.5
MF-RX012/250U
6.0
10.0
16.0
0.5
MF-RX014/250
3.0
6.0
14.0
0.5
MF-RX014/250-A05
3.0
5.5
12.0
0.5
MF-RX014/250-B05
4.5
6.0
14.0
0.5
MF-RX014/250U
3.5
6.5
12.0
0.5
MF-RX018/250-F05
0.8
2.2
4.0
0.5
Resistance Options



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com