Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD243 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # BD243
Description  NPN SILICON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BD243 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  BD243 Datasheet HTML 1Page - Bourns Electronic Solutions BD243 Datasheet HTML 2Page - Bourns Electronic Solutions BD243 Datasheet HTML 3Page - Bourns Electronic Solutions BD243 Datasheet HTML 4Page - Bourns Electronic Solutions BD243 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BD243, BD243A, BD243B, BD243C
NPN SILICON POWER TRANSISTORS
2
PRODU CT
INFORMA TION
JUNE 1973 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 30 mA
(see Note 5)
IB = 0
BD243
BD243A
BD243B
BD243C
45
60
80
100
V
ICES
Collector-emitter
cut-off current
VCE = 55 V
VCE = 70 V
VCE = 90 V
VCE =115 V
VBE =0
VBE =0
VBE =0
VBE =0
BD243
BD243A
BD243B
BD243C
0.4
0.4
0.4
0.4
mA
ICEO
Collector cut-off
current
VCE = 30 V
VCE = 60 V
IB =0
IB =0
BD243/243A
BD243B/243C
0.7
0.7
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC =0
1
mA
hFE
Forward current
transfer ratio
VCE =
4 V
VCE =
4 V
IC = 0.3 A
IC = 3 A
(see Notes 5 and 6)
30
15
VCE(sat)
Collector-emitter
saturation voltage
IB =
1 A
IC = 6 A
(see Notes 5 and 6)
1.5
V
VBE
Base-emitter
voltage
VCE =
4 V
IC = 6 A
(see Notes 5 and 6)
2
V
hfe
Small signal forward
current transfer ratio
VCE = 10 V
IC = 0.5 A
f = 1 kHz
20
|h
fe|
Small signal forward
current transfer ratio
VCE = 10 V
IC = 0.5 A
f = 1 MHz
3
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
1.92
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turn-on time
IC = 1 A
VBE(off) = -3.7 V
IB(on) = 0.1 A
RL = 20 Ω
IB(off) = -0.1 A
tp = 20 µs, dc ≤ 2%
0.3
µs
toff
Turn-off time
1µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com