Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5A Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SC5A
Description  5-amp, full-featured, non-isolated DC-DC converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SC5A Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SC5A Datasheet HTML 1Page - Bourns Electronic Solutions SC5A Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SC5A SERIES
HDLV
Family
1 2 3 4 5
6 7 8 9 10
2.53 (64.3)
0.48
(11.4)
1.40 (35.6)
0.10 (2.54)
0.28
(7.2)
1,2,4 Vout
3 Remote Sense
5-6 Ground
7-8 Vin
9 Trim
10 Enable
0.135 ± .015
(3.43 ± 0.38)
0.023 (0.6)
typ pin width
0.37
(9.4)
0.012 (0.3)
typ pin thickness
inches (mm)
0.xx ±0.01 inches
0.xxx ±0.005 inches
0.13
(3.3)
Verify the values in circles
SC5A-12S3.3
60
65
70
75
80
85
90
95
100
1 A
2 A
3 A
4 A
5 A
Output Current
SC5A-12S1.8
60
65
70
75
80
85
90
95
100
1 A2 A3 A4 A5 A
Output Current
SC5A-12S2.5
60
65
70
75
80
85
90
95
100
1 A
2 A
3 A
4 A
5 A
Output Current
SC5A-12S5
60
65
70
75
80
85
90
95
100
1 A
2 A
3 A
4 A
5 A
Output Current
10 Vin
12 Vin
15 Vin
10 Vin
12 Vin
15 Vin
10 Vin
12 Vin
15 Vin
10 Vin
12 Vin
15 Vin
0
20
40
60
80
100
70
60
50
0
-10
-20
Ambient Temperature (C)
SC5A Temperature Derating
80
90
200 lfm
still air
-40
-30
100
100 lfm
Optional
Operating
Temp
Vout
SC5A Trim Circuits
Trim
Gnd
Vout = Desired output voltage
Vnom R1 (Ω)
R2 (Ω)
5.0
3,740
10,000
3.3
2,000
4,120
2.5
1,210
2,550
1.8
499
432
Vout
Trim
Gnd
Rdown (Ω) = [(1000Vout - 1300) * (R1+R2)] - (R1*R2)
1300 - 1000Vout + R1
Rup (Ω) =
R1*1690
1300Vout - 1690 - 1.3R1
-R2
Rdown
Rup
Vin
Vout
7 Vin
8 Vin
Vout 1
Vout 2
Vout 4
Remote Sense 3
5
6
9
Trim
100 µf
10 V
ESR<65 m
Ω
SC5A
10
Enable
100 µf
10 V
ESR<40 m
Ω
Two output capacitors
recommended for
SC5A-12S5 to achieve
ripple < 70 mV.
Electrical Specifications
Nominal Output
Output
Ripple
Efficiency
Input
Voltage Current
(mV pp)
(%)
(V)
(V)
(A)
typ
typ
SC5A-12S5
12
5.0
5
120
93
SC5A-12S3.3
12
3.3
5
100
90
SC5A-12S2.5
12
2.5
5
100
88
SC5A-12S1.8
12
1.8
5
100
85
Standard Options
Add option designators to the end of the part number. Example; SC5A-12S3.3-Z
Option
Description
Z
-40 °C Operation
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 01/05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com