Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6402AIR Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6402AIR
Description  1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6402AIR Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6402AIR Datasheet HTML 1Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 2Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 3Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 4Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 5Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 6Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 7Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 8Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ISL6402A
FN9010 Rev 3.00
Page 2 of 18
Dec 1, 2004
Pinout
ISL6402A (QFN)
TOP VIEW
PHASE2
ISEN2
PGOOD
VCC_5V
SD2
SS2
OCSET2
ISEN1
PGND
SD1
SS1
SGND
OCSET1
FB1
1
2
3
4
5
6
7
21
20
19
18
17
16
15
28
27
26
25
24
23
22
8
9
10
11
12
13
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com