Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705MC4GRS/D Datasheet(PDF) 143 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 143 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 139Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 140Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 141Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 142Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 143Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 144Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 145Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 146Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 147Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 180 page
background image
Core Timer
Computer Operating Properly (COP) Watchdog Reset
General Release Specification
Core Timer
12.4 Computer Operating Properly (COP) Watchdog Reset
The COP watchdog timer function is implemented on this device by
using the output of the RTI circuit and further dividing it by eight. The
minimum COP reset rates are listed in Table 12-2. If the COP circuit
times out, an internal reset is generated and the normal reset vector is
fetched. Preventing a COP timeout is done by writing a 0 to bit 0 of
address $0FF0. When the COP is cleared, only the final divide-by-eight
stage (output of the RTI) is cleared. This function is a mask option.
Table 12-2. Minimum COP Reset Times
RT1:RT0
Minimum COP Reset at Bus Frequency:
16.384 kHz
3.0 MHz
fop
00
7 sec
38.2 ms
7
× (RTI Rate)
01
14 sec
76.5 ms
7
× (RTI Rate)
10
28 sec
153.0 ms
7
× (RTI Rate)
11
56 sec
305.9 ms
7
× (RTI Rate)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com