Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705MC4GRS/D Datasheet(PDF) 80 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 76Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 77Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 78Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 79Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 80Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 81Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 82Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 83Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 180 page
background image
16-Bit Timer
MC68HC705MC4 — Rev. 2.0
16-Bit Timer
NOTE:
The I bit in the condition code register (CCR) should be set while
manipulating both the high and low byte registers of a specific timer
function. This prevents interrupts from occurring between the time that
the high and low bytes are accessed.
9.3 Timer
The key element of the programmable timer is a 16-bit free-running
counter or timer registers, preceded by a prescaler which divides the
internal clock by four. The prescaler gives the timer a resolution of 1.33
microseconds when a 6 MHz (3 MHz internal bus) crystal is used. The
counter is incremented to increasing values during the low portion of the
internal clock cycle.
NOTE:
Four internal bus cycles must be completed before subsequent access
of TMRH and ACRH. This ensures the timer count has released the
TMRH and ACRH buffers.
The double byte free-running counter can be read from either of two
locations: the timer registers (TMRH, TMRL) or the alternate counter
registers (ACRH, ACRL). Both locations will contain identical values. A
read sequence containing only a read of the LSB of the counter
(TMRL/ACRL) will return the count value at the time of the read. If a read
of the counter accesses the MSB first (TMRH/ACRH) it causes the LSB
(TMRL/ACRL) to be transferred to a buffer. This buffer value remains
fixed after the first MSB byte read even if the MSB is read several times.
The buffer is accessed when reading the counter LSB (TMRL/ACRL),
and thus completes a read sequence of the total counter value. When
reading either the timer or alternate counter registers, if the MSB is read,
the LSB must also be read to complete the read sequence. See Figure
9-2 and Figure 9-3.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com