Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705MC4GRS/D Datasheet(PDF) 172 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 172 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 168Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 169Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 170Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 171Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 172Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 173Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 174Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 175Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 176Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 180 page
background image
Electrical Specifications
MC68HC705MC4 — Rev. 2.0
Electrical Specifications
14.8 Control Timing
14.9 EPROM Programming Characteristics
Table 14-6. Control Timing (VDD = 5.0 Vdc ± 10%)
(1)
Characteristic
Symbol
Min
Max
Unit
Frequency of Operation
Crystal Option
External Clock Option
fosc
—
dc
6
6
MHz
Internal Operating Frequency
Crystal (fosc ÷ 2)
External Clock (fosc ÷ 2)
fop
—
dc
3
3
MHz
Cycle Time
tcyc
333
—
ns
Crystal Oscillator Startup Time
tOXOV
—
100
ms
Stop Recovery Startup Time (Crystal Oscillator)
tILCH
—
100
ms
RESET Pulse Width
tRL
1.5
—
tcyc
Interrupt Pulse Width Low (Edge-Triggered)
tILIH
350
—
ns
Interrupt Pulse Period
tILIL
see Note 2
—
tcyc
OSC1 Pulse Width
tOH, tOL
200
—
ns
A/D On Current Stabilization Time
tADON
—
100
µs
RC Oscillator Stabilization Time (A/D)
tRCON
—
5.0
µs
Internal RESET Pulldown Pulse Width
tRPD
—4
tcyc
NOTES:
1.
VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = –40 to 125°C, unless otherwise noted.
2. The minimum period, tILIL, should not be less than the number of cycles it takes to execute the interrupt service routine
plus 19 tcyc.
Table 14-7. EPROM Programming Characteristics (VDD = 5.0 Vdc ± 10%)
(1)
Characteristic
Symbol
Min
Typ
Max
Unit
Programming Voltage
IRQ/VPP
VPP
15.25
15.5
15.75
V
Programming Current
IRQ/VPP
IPP
—
4.0
10.0
mA
Programming Time
Per Array Byte
MOR
tEPGM
tMPGM
4
4
—
—
—
—
ms
NOTE:
1.
VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = –40 to 125°C, unless otherwise noted.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com