Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC908LD64AD/D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HC908LD64AD/D
Description  MC68HC908LD64 Technical Data
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC908LD64AD/D Datasheet(HTML) 2 Page - NXP Semiconductors

  HC908LD64AD/D Datasheet HTML 1Page - NXP Semiconductors HC908LD64AD/D Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HC908LD64AD/D
Page 279:
Correct OSDD[15:0] description under 18.7.3 OSD Data Registers.
From:
OSDD[15:0] — OSD RAM 16-Bit Data Buffer
These bits store the data which is going to be written into the OSD
RAM when OSDMEN is set. While OSD circuitry is displaying data
from the display RAM, updates to the display RAM is made by writing
to the OSD row and column address registers and this 8-bit pair data
registers. The OSD buffer write ready bit, WRDY, will be cleared after
the write to the high byte register, $0063.
To:
OSDD[15:0] — OSD RAM 16-Bit Data Buffer
While OSD circuitry is displaying data from the display RAM, update
the display RAM (location specified by the row and column address
registers, OSDRAR and OSDCAR) by writing data to the high byte
register (OSDDRH) followed by the low byte register (OSDDRL). After
writing to the OSDDRL, the OSD buffer write ready bit (WRDY) will be
cleared. WRDY becomes set again when the OSD circuitry has
transferred the content of the OSD data registers to the display RAM.
Page 288:
Correct OSD_EN bit location under 18.8.3.5 Frame Control Registers
From:
Row 15, Column 15:
To:
Row 15, Column 15:
76543210
HPOL
VPOL
15
14
13
12
11
10
9
8
OSD_EN
76543210
HPOL
VPOL
15
14
13
12
11
10
9
8
OSD_EN
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
Information in this document is provided solely to enable system and software
implementers to use Freescale Semiconductor products. There are no express or
implied copyright licenses granted hereunder to design or fabricate any integrated
circuits or integrated circuits based on the information in this document.
Freescale Semiconductor reserves the right to make changes without further notice to
any products herein. Freescale Semiconductor makes no warranty, representation or
guarantee regarding the suitability of its products for any particular purpose, nor does
Freescale Semiconductor assume any liability arising out of the application or use of
any product or circuit, and specifically disclaims any and all liability, including without
limitation consequential or incidental damages. “Typical” parameters which may be
provided in Freescale Semiconductor data sheets and/or specifications can and do
vary in different applications and actual performance may vary over time. All operating
parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. Freescale Semiconductor does not convey any license
under its patent rights nor the rights of others. Freescale Semiconductor products are
not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life,
or for any other application in which the failure of the Freescale Semiconductor product
could create a situation where personal injury or death may occur. Should Buyer
purchase or use Freescale Semiconductor products for any such unintended or
unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all
claims, costs, damages, and expenses, and reasonable attorney fees arising out of,
directly or indirectly, any claim of personal injury or death associated with such
unintended or unauthorized use, even if such claim alleges that Freescale
Semiconductor was negligent regarding the design or manufacture of the part.
RoHS-compliant and/or Pb- free versions of Freescale products have the functionality
and electrical characteristics of their non-RoHS-compliant and/or non-Pb- free
counterparts. For further information, see http://www.freescale.com or contact your
Freescale sales representative.
For information on Freescale.s Environmental Products program, go to
http://www.freescale.com/epp.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com