Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP75GTC Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BSP75GTC
Description  60V SELF-PROTECTED LOW-SIDE INTELLIFET MOSFET SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSP75GTC Datasheet(HTML) 3 Page - Diodes Incorporated

  BSP75GTC Datasheet HTML 1Page - Diodes Incorporated BSP75GTC Datasheet HTML 2Page - Diodes Incorporated BSP75GTC Datasheet HTML 3Page - Diodes Incorporated BSP75GTC Datasheet HTML 4Page - Diodes Incorporated BSP75GTC Datasheet HTML 5Page - Diodes Incorporated BSP75GTC Datasheet HTML 6Page - Diodes Incorporated BSP75GTC Datasheet HTML 7Page - Diodes Incorporated BSP75GTC Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BSP75G
Document number: DS33015 Rev. 5 - 2
3 of 8
www.diodes.com
June 2018
© Diodes Incorporated
BSP75G
Absolute Maximum Ratings (@TA = +25°C, unless otherwise stated.)
Parameter
Symbol
Limit
Unit
Continuous Drain-Source Voltage
VDS
60
V
Drain-Source Voltage for Short Circuit Protection VIN = 5V
VDS(SC)
36
V
Continuous Input Voltage
VIN
-0.2 to +10
V
Peak Input Voltage
VIN
-0.2 to +20
V
Operating Temperature Range
TJ
-40 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Power Dissipation at TA = +25°C (Note 5)
PD
2.5
W
Continuous Drain Current @ VIN =10V; TA = +25°C (Note 5)
ID
1.6
A
Continuous Drain Current @ VIN =5V; TA = +25°C (Note 5)
ID
1.4
A
Pulsed Drain Current @ VIN = 10V
IDM
5
A
Continuous Source Current (Body Diode) (Note 5)
IS
3
A
Pulsed Source Current (Body Diode)
IS
5
A
Unclamped Single Pulse Inductive Energy
EAS
550
mJ
Load Dump Protection
VLOAD_DUMP
80
V
Electrostatic Discharge (Human Body Model)
VESD
4000
V
DIN Humidity Category, DIN 40 040
—
E
—
IEC Climatic Category, DIN IEC 68-1
—
40/150/56
—
Thermal Resistance
Characteristic
Symbol
Limit
Unit
Junction to Ambient (Note 5)
RθJA
50
°C/W
Junction to Ambient (Note 6)
RθJA
24
°C/W
Junction to Ambient (Note 7)
RθJA
208
°C/W
Notes:
5. For a device surface mounted on 37mm x 37mm x 1.6mm FR-4 board with a high coverage of single sided 2oz weight copper.
6. For a device surface mounted on FR-4 board and measured at t<=10s.
7. For a device mounted on FR-4 board with the minimum copper required for electrical connections.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com