Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP75N Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BSP75N
Description  60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSP75N Datasheet(HTML) 4 Page - Diodes Incorporated

  BSP75N Datasheet HTML 1Page - Diodes Incorporated BSP75N Datasheet HTML 2Page - Diodes Incorporated BSP75N Datasheet HTML 3Page - Diodes Incorporated BSP75N Datasheet HTML 4Page - Diodes Incorporated BSP75N Datasheet HTML 5Page - Diodes Incorporated BSP75N Datasheet HTML 6Page - Diodes Incorporated BSP75N Datasheet HTML 7Page - Diodes Incorporated BSP75N Datasheet HTML 8Page - Diodes Incorporated BSP75N Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BSP75N
Document number: DS33016 Rev. 6 - 2
4 of 9
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
BSP75N
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Conditions
Static Characteristics
Drain-Source Clamp Voltage
VDS(AZ)
60
70
75
V
ID = 10mA
Off State Drain Current
IDSS
—
0.1
3
µA
VDS = 12V, VIN = 0V
Off State Drain Current
IDSS
—
3
15
µA
VDS = 32V, VIN = 0V
Input Threshold Voltage (Note 8)
VIN(TH)
1
2.1
—
V
VDS = VGS, ID = 1mA
Input Current
IIN
—
0.7
1.2
mA
VIN = 5V
Input Current
IIN
—
1.5
2.7
mA
VIN = 7V
Input Current
IIN
—
4
7
mA
VIN = 10V
Static Drain-Source On-State Resistance
RDS(ON)
—
520
675
m
Ω
VIN = 5V, ID = 0.7A
Static Drain-Source On-State Resistance
RDS(ON)
—
385
550
m
Ω
VIN = 10V, ID = 0.7A
Current Limit (Note 9)
ID(LIM)
0.7
1.0
1.5
A
VIN = 5V, VDS > 5V
Current Limit (Note 9)
ID(LIM)
1
1.8
2.3
A
VIN = 10V, VDS > 5V
Dynamic Characteristics
Turn-On Time (VIN to 90% ID)
tON
—
3
—
μs
RL = 22Ω, VIN = 0V to 10V,
VDD = 12V
Turn-Off time (VIN to 90% ID)
tOFF
—
13
—
μs
RL = 22Ω, VIN = 10V to 0V,
VDD = 12V
Slew Rate On (70 to 50% VDD)
-dVDS/dtON
—
8
—
V/
μs
RL = 22Ω, VIN = 0V to 10V,
VDD = 12V
Slew Rate Off (50 to 70% VDD)
dVDS/dtON
—
3.2
—
V/
μs
RL = 22Ω, VIN = 10V to 0V,
VDD = 12V
Protection Functions (Note 10)
Minimum Input Voltage for Over
Temperature Protection
VPROT
4.5
—
—
V
—
Thermal Overload Trip Temperature
TJT
+150
+175
—
°C
—
Thermal Hysteresis
—
—
+1
—
°C
—
Unclamped Single Pulse Inductive Energy
TJ = +25°C
EAS
550
—
—
mJ
ID(ISO) = 0.7A, VDD = 32V
Unclamped Single Pulse Inductive Energy
TJ = +150°C
EAS
200
—
—
mJ
ID(ISO) = 0.7A, VDD = 32V
Inverse Diode
Source Drain Voltage
VSD
—
—
1
V
VIN = 0V, -ID = 1.4A
Notes:
8. Protection features may operate outside spec for VIN < 4.5V.
9. The drain current is limited to a reduced value when VDS exceeds a safe level.
10. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the datasheet. Fault conditions are considered
as
“outside” normal operating range. Protection functions are not designed for continuous, repetitive operation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com