Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001ASEHFE Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL70001ASEHFE
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001ASEHFE Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL70001ASEHFE Datasheet HTML 16Page - Renesas Technology Corp ISL70001ASEHFE Datasheet HTML 17Page - Renesas Technology Corp ISL70001ASEHFE Datasheet HTML 18Page - Renesas Technology Corp ISL70001ASEHFE Datasheet HTML 19Page - Renesas Technology Corp ISL70001ASEHFE Datasheet HTML 20Page - Renesas Technology Corp ISL70001ASEHFE Datasheet HTML 21Page - Renesas Technology Corp ISL70001ASEHFE Datasheet HTML 22Page - Renesas Technology Corp ISL70001ASEHFE Datasheet HTML 23Page - Renesas Technology Corp ISL70001ASEHFE Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ISL70001ASEH
FN8365 Rev.3.03
Page 20 of 27
Sep 16, 2022
Another concern when selecting an output inductor is to ensure
there is adequate slope compensation when the regulator is
operated above 50% duty cycle. Since the internal slope
compensation is fixed, output inductance should satisfy
Equation 18 to ensure this requirement is met.
Input Capacitor Selection
Input capacitors are responsible for sourcing the AC component
of the input current flowing into the switching power devices.
Their RMS current capacity must be sufficient to handle the AC
component of the current drawn by the switching power devices,
which is related to duty cycle. The maximum RMS current
required by the regulator is closely approximated by Equation 19.
The important parameters to consider when selecting an input
capacitor are the voltage rating and the RMS ripple current
rating. For reliable operation, select capacitors with voltage
ratings at least 1.5x greater than the maximum input voltage.
The capacitor RMS ripple current rating should be higher than
the largest RMS ripple current required by the circuit.
Ceramic capacitors with X7R dielectric are recommended.
Alternately, a combination of low ESR solid tantalum capacitors
and ceramic capacitors with X7R dielectric may be used. The
ISL70001ASEH requires a minimum effective input capacitance
of 100µF for stable operation.
Derating Current Capability
Most space programs issue specific derating guidelines for parts,
but these guidelines take the pedigree of the part into account.
For instance, a device built to MIL-PRF-38535, such as the
ISL70001ASEH, is already heavily derated from a current density
standpoint. However, a mil-temp or commercial IC that is
up-screened for use in space applications may need additional
current derating to ensure reliable operation because it was not
built to the same standards as the ISL70001ASEH.
Figure 28 shows the maximum average output current of the
ISL70001ASEH with respect to junction temperature. These plots
take into account the worst-case current share mismatch in the
power blocks and the current density requirement of
MIL-PRF-38535 (< 2 x 105 A/cm2). The plot clearly shows that
the ISL70001ASEH can handle 12.1A at +125°C from a
worst-case current density standpoint, but the part is limited to
7.8A because that is the lower limit of the current limit threshold
with all six power blocks connected.
PCB Design
PCB design is critical to high-frequency switching regulator
performance. Careful component placement and trace routing
are necessary to reduce voltage spikes and minimize
undesirable voltage drops. Selection of a suitable thermal
interface material is also required for optimum heat dissipation
and to provide lead strain relief. See Table 1 on page 23 for
layout x-y coordinates.
PCB Plane Allocation
Four layers of 2-oz. copper are recommended. Layer 2 should be
a dedicated ground plane with all critical component ground
connections made with vias to this layer. Layer 3 should be a
dedicated power plane split between the input and output power
rails. Layers 1 and 4 should be used primarily for signals but can
also provide additional power and ground islands, as required.
LOUT
4.32µH
Number of LXx Pins Connected
-------------------------------------------------------------------------------
(EQ. 18)
IRMS
MAX
VOUT
VIN
-----------------
IOUT MAX

2
1
12
------
VIN VOUT
–
LOUT fs
----------------------------------
VOUT
VIN
-----------------


 2
+



=
(EQ. 19)
12.14
10.18
8.57
7.25
6.16
5.3
4
5
6
7
8
9
10
11
12
13
120
125
130
135
140
145
150
155
JUNCTION TEMPERATURE (°C)
MINIMUM OCP
LEVEL = 7.8A
6A AT +146°C
FIGURE 28. CURRENT vs TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com