Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70020SEHX/SAMPLE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL70020SEHX/SAMPLE
Description  40V, 65A Enhancement Mode GaN Power Transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70020SEHX/SAMPLE Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL70020SEHX/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp ISL70020SEHX/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp ISL70020SEHX/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp ISL70020SEHX/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp ISL70020SEHX/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp ISL70020SEHX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp ISL70020SEHX/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp ISL70020SEHX/SAMPLE Datasheet HTML 11Page - Renesas Technology Corp ISL70020SEHX/SAMPLE Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ISL70020SEH, ISL73020SEH
3. Typical Performance Curves
R34DS0007EU0104 Rev.1.04
Page 8 of 12
Apr 21, 2022
Figure 15. Normalized Threshold Voltage
Figure 16. Safe Operating Area
Figure 17. Safe Operating Area (Derated)
Unless otherwise noted, VDS = 32V; TA = +25°C. (Continued)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-75
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
0.1
1
10
100
0.1
1
10
100
Drain-Source Voltage (V)
TC = 25°C
TC = 105°C
Limited by rDS(ON)
TJ = 150°C
Steady State Current
θJC = 3.1°C/W
0.1
1
10
100
0.1
1
10
100
Drain-Source Voltage (V)
TC = 25°C
TC = 105°C
Limited by r
DS(ON)
TJ = 150°C
Steady State Current
θJC = 3.9°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com