Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70023SEHL/PROTO Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL70023SEHL/PROTO
Description  100V, 60A Enhancement Mode GaN Power Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70023SEHL/PROTO Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL70023SEHL/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FN8975 Rev.4.01
Page 7 of 12
May 4, 2022
ISL70023SEH, ISL73023SEH
3. Typical Performance Curves
Figure 9. On-State Resistance (-55°C)
Figure 10. Capacitance (Linear Scale)
Figure 11. Capacitance (Log Scale)
Figure 12. Reverse Drain-Source Characteristics
Figure 13. Normalized On-State Resistance
Figure 14. Normalized Threshold Voltage
Unless otherwise noted, VDS = 80V; TA = +25°C. (Continued)
0
5
10
15
20
25
2.5
3.0
3.5
4.0
4.5
5.0
Gate-Source Voltage (V)
ID = 0.5A
ID = 6.0A
ID = 12.0A
ID = 18.0A
ID = 24.0A
ID = 30.0A
0
500
1000
1500
2000
2500
3000
020
40
60
80
100
VDS (V)
CISS
COSS
CRSS
1
10
100
1000
10000
0
20406080
100
VDS (V)
CISS
COSS
CRSS
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Source-Drain Voltage (V)
+25°C
-55°C
+125°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-75
-50
-25
0
25
50
75
100
125
150
Ambient Temperature (°C)
ID = 25A
VGS = 5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-75
-50
-25
0
25
50
75
100
125
150
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com