Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70024SEHL/PROTO Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL70024SEHL/PROTO
Description  200V, 7.5A Enhancement Mode GaN Power Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70024SEHL/PROTO Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL70024SEHL/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FN8976 Rev.6.01
Page 4 of 12
May 5, 2022
ISL70024SEH, ISL73024SEH
2. Specifications
2.
Specifications
2.1
Absolute Maximum Ratings
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions can adversely impact product reliability and result in failures not covered by warranty.
2.2
ESD Ratings
2.3
Thermal Information
Parameter
Maximum
Unit
VDS
200
V
VDS (Note 6)
160
V
VGS
-4 to 6
V
Note:
6. Tested in a heavy ion environment at LET = 86.4MeV•cm2/mg at +125°C (TC).
ESD Model/Test
Rating
Unit
Drain-to-Source
Human Body Model (Tested per MIL-STD-883 TM3015)
2
kV
Machine Model (Tested per JESD22-A115C)
200
V
Charged Device Model (Tested per JS-002-2014)
750
V
Gate-to-Source
Human Body Model (Tested per MIL-STD-883 TM3015)
500
V
Machine Model (Tested per JESD22-A115C)
200
V
Charged Device Model (Tested per JS-002-2014)
750
V
ISL70024SEH, ISL73024SEH in SMD Package J4.A
Thermal Resistance
Typical
Maximum
Unit
JA (Note 7)
42.0
-
°C/W
JC (Note 8)
18.7
23.4
°C/W
Notes:
7.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with “direct attach”
features. See TB379.
8. For
JC, the “case temp” location is on the solder terminations adjacent to the center of the package underside.
Parameter
Minimum
Maximum
Unit
Maximum Junction Temperature
-
+150
°C
Storage Temperature Range
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com