Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70100SEHX/SAMPLE Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL70100SEHX/SAMPLE
Description  Radiation Hardened 40V Current Sense Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70100SEHX/SAMPLE Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL70100SEHX/SAMPLE Datasheet HTML 17Page - Renesas Technology Corp ISL70100SEHX/SAMPLE Datasheet HTML 18Page - Renesas Technology Corp ISL70100SEHX/SAMPLE Datasheet HTML 19Page - Renesas Technology Corp ISL70100SEHX/SAMPLE Datasheet HTML 20Page - Renesas Technology Corp ISL70100SEHX/SAMPLE Datasheet HTML 21Page - Renesas Technology Corp ISL70100SEHX/SAMPLE Datasheet HTML 22Page - Renesas Technology Corp ISL70100SEHX/SAMPLE Datasheet HTML 23Page - Renesas Technology Corp ISL70100SEHX/SAMPLE Datasheet HTML 24Page - Renesas Technology Corp ISL70100SEHX/SAMPLE Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ISL70100SEH, ISL73100SEH
5. Applications Information
R34DS0009EU0101 Rev.1.01
Page 21 of 27
Jul.10.20
5.
Applications Information
5.1
Selection of the External Current-Sense Resistor
To pick the current-sense resistor value, a decision has to be made between power dissipation and measurement
accuracy. As a general rule for all applications, the sense resistor should be as small as possible while still
providing adequate input dynamic range across the operating range. The minimum accurately sensed input
voltage is primarily limited by the offset voltage of the ISL70100SEH.
The sense resistor value can be calculated once the maximum sensed load current is determined. The maximum
recommended sense voltage for the ISL70100SEH is 150mV, so dividing that by the maximum load current
provides the sense resistor value.
where:
•RSENSE is the sense resistor in mΩ.
•IOUT(MAX) is the maximum expected load current to be sensed in amps.
5.2
Gain Setting
The gain on the ISL70100SEH can be adjusted using a single resistor on the output. The ISL70100SEH outputs
2µA for every 1mV of differential across the inputs. Equation 5 can be used to calculate the output load resistance
to get a specific gain:
where:
•ROUT is the output load resistance in kΩ.
•ACSA is desired voltage gain.
•gm is the transconductance of the ISL70100SEH which is 2µA/mV (typical).
5.3
Selection of Output Resistor
The output signal is a current conducted through the output resistor to generate a voltage. With a maximum input
range of 150mV, the output current is 300µA. The voltage gain should be determined based on the input voltage
range of the downstream device. For example, if there is a 5V ADC on the output of the ISL7x100SEH, the output
resistance should be 16.6kΩ to ensure that VOUT stays under 5V. This also means that the minimum power
supply voltage has to be 7V to achieve 5V on the output. Renesas recommends using resistors that have a low
temperature coefficient on the output as it adds error to the measurement.
5.4
Output Filtering
Because the output of these amplifiers is a current source, filtering is straight forward. A capacitor can be placed
in parallel to the output resistance to create a pole based on Equation 6:
where:
•f-3dB is frequency location of the pole in hertz
•ROUT is the output resistance in ohms
•COUT is the output capacitance in parallel with ROUT in farads
RSENSE
150mV
IOUT MAX

------------------------------
=
(EQ. 4)
ROUT
ACSA
gm
---------------
=
(EQ. 5)
f 3dB
–
1
2
ROUT
COUT
----------------------------------------------------------
=
(EQ. 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com