Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70227SEHVX/SAMPLE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL70227SEHVX/SAMPLE
Description  36V Radiation Hardened Dual Precision Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70227SEHVX/SAMPLE Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL70227SEHVX/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp ISL70227SEHVX/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp ISL70227SEHVX/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp ISL70227SEHVX/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp ISL70227SEHVX/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp ISL70227SEHVX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp ISL70227SEHVX/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp ISL70227SEHVX/SAMPLE Datasheet HTML 11Page - Renesas Technology Corp ISL70227SEHVX/SAMPLE Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISL70227SEH
FN7958 Rev 3.00
Page 8 of 18
July 18, 2014
Low Dose Rate Post Radiation Characteristics V
S ±15V, VCM = 0V, VO = 0V, RL = Open, TA = +25°C, unless otherwise noted.
This data is typical test data post radiation exposure at a rate of 10mrad(Si)/s. This data is intended to show typical parameter shifts due to low dose
rate radiation. These are not limits nor are they guaranteed .
FIGURE 3. OFFSET VOLTAGE vs RADIATION
FIGURE 4. POSITIVE INPUT BIAS CURRENT vs RADIATION
FIGURE 5. NEGATIVE INPUT BIAS CURRENT vs RADIATION
FIGURE 6. OFFSET CURRENT vs RADIATION
FIGURE 7. TOTAL SUPPLY CURRENT vs RADIATION
TOTAL DOSE (krad(Si))
0
5
10
15
20
25
0
10
2030
4050
60708090
100
GROUNDED
BIASED
TOTAL DOSE (krad(Si))
-25
-20
-15
-10
-5
0
5
0
102030
4050
60708090
100
GROUNDED
BIASED
TOTAL DOSE (krad(Si))
-25
-20
-15
-10
-5
0
0
10
2030
4050607080
90
100
GROUNDED
BIASED
TOTAL DOSE (krad(Si))
-25
-20
-15
-10
-5
0
0
10
2030
4050
60
708090
100
GROUNDED
BIASED
TOTAL DOSE (krad(Si))
0
5
10
0
102030
4050
607080
90
100
GROUNDED
BIASED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com