Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70419SEHF/PROTO Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL70419SEHF/PROTO
Description  Radiation Hardened 36V Quad Precision Low Power Operational Amplifiers with Enhanced SET Performance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70419SEHF/PROTO Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL70419SEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70419SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ISL70419SEH, ISL73419SEH
FN8653 Rev.3.00
Page 5 of 23
Nov 21, 2019
Output Voltage Low
VOL
RL = 10kΩ to ground
-13.7
-13.5
V
-13.2
V
RL = 2kΩ to ground
-13.55
-13.3
V
-13.0
V
Supply Current/Amplifier
IS
0.44
0.625
mA
0.75
mA
Short-Circuit Current
ISC
43
mA
Supply Voltage Range
VSUPPLY
Established by PSRR
± 2.25
± 20
V
AC SPECIFICATIONS
Gain Bandwidth Product
GBWP
AV = 1k, RL = 2kΩ
1.5
MHz
Voltage Noise VP-P
enVp-p
0.1Hz to 10Hz
0.25
µVP-P
Voltage Noise Density
en
f = 10Hz
10
nV/
Hz
Voltage Noise Density
en
f = 100Hz
8.2
nV/
Hz
Voltage Noise Density
en
f = 1kHz
8
nV/
Hz
Voltage Noise Density
en
f = 10kHz
8
nV/
Hz
Current Noise Density
in
f = 1kHz
0.1
pA/
Hz
Total Harmonic Distortion
THD + N
1kHz, G = 1, VO = 3.5VRMS, RL = 2kΩ
0.0009
%
1kHz, G = 1, VO = 3.5VRMS, RL = 10kΩ
0.0005
%
TRANSIENT RESPONSE
Slew Rate, VOUT 20% to 80%
SR
AV = 11, RL = 2kΩVO = 4VP-P
0.3
0.5
V/µs
0.2
V/µs
Rise Time
10% to 90% of VOUT
tr, tf,
small signal
AV = 1, VOUT = 50mVP-P,
RL = 10kΩto VCM
130
450
ns
625
ns
Fall Time
90% to 10% of VOUT
AV = 1, VOUT = 50mVP-P, RL = 10kΩto VCM
130
600
ns
700
ns
Settling Time to 0.1%
10V Step; 10% to VOUT
ts
AV = -1, VOUT = 10VP-P, RL = 5kΩto VCM
21
µs
Settling Time to 0.01%
10V Step; 10% to VOUT
AV = -1, VOUT = 10VP-P, RL = 5kΩto VCM
24
µs
Settling Time to 0.1%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P, RL = 5kΩto VCM
13
µs
Settling Time to 0.01%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P, RL = 5kΩto VCM
18
µs
Output Positive Overload Recovery Time
tOL
AV = -100, VIN = 0.2VP-P, RL = 2kΩto VCM
5.6
µs
Output Negative Overload Recovery Time
AV = -100, VIN = 0.2VP-P, RL = 2kΩto VCM
10.6
µs
Positive Overshoot
OS+
AV = 1, VOUT = 10VP-P, Rf = 0Ω
RL =2kΩto VCM
15
%
33
%
Negative Overshoot
OS-
AV = 1, VOUT = 10VP-P, Rf = 0Ω
RL =2kΩto VCM
15
%
33
%
Electrical Specifications VS ± 15V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply across the operating
temperature range, -55°C to +125°C; over a total ionizing dose of 300krad(Si) with exposure at a high dose rate of 50 - 300rad(Si)/s (ISL70419SEH only);
or across a total ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com