Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71444MEVAL1Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL71444MEVAL1Z
Description  19MHz 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71444MEVAL1Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL71444MEVAL1Z Datasheet HTML 17Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 18Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 19Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 20Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 21Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 22Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 23Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 24Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
FN8892 Rev.3.00
Page 21 of 29
Nov.6.20
ISL71444M
5. Radiation Tolerance
5.
Radiation Tolerance
The ISL71444M is a radiation tolerant device for commercial space applications, Low Earth Orbit (LEO) applications,
high altitude avionics, launch vehicles, and other harsh environments. This device’s response to Total Ionizing Dose
(TID) radiation effects and Single Event Effects (SEE) has been measured, characterized, and reported in the
proceeding sections. However, TID performance is not guaranteed through radiation acceptance testing, nor is the
characterized SEE characterized performance guaranteed.
5.1
Total Ionizing Dose (TID) Testing
5.1.1
Introduction
Total dose testing of the ISL71444MVZ-T proceeded in accordance with the guidelines of MIL-STD-883 Test
Method 1019. The experimental matrix consisted of 18 samples irradiated under bias, as shown in Table 1, and
18 samples irradiated with all pins grounded (unbiased). Three control units were used. The bias configuration
is shown in Figure 55.
Samples of the ISL71444MVZ-T were drawn from fabrication lot X7J8AB and were packaged in the
production 14 Ld plastic TSSOP, Package Outline Drawing (POD) M14.173. The samples were screened to
datasheet limits at room temperature only, before irradiation.
Total dose irradiations were performed using a Hopewell Designs N40 panoramic vault-type low dose rate
60Co irradiator located in the Renesas Palm Bay, Florida facility. The dose rate was 0.0089rad(Si)/s
(8.9mrad(Si)/s). PbAl spectrum hardening filters were used to shield the test board and devices under test
against low energy secondary gamma radiation.
Downpoints for the testing were 0krad(Si), 10krad(Si), 20krad(Si), and 30krad(Si). Following irradiation, the
samples were subjected to a high temperature biased anneal for 168 hours at +100°C.
All electrical testing was performed outside the irradiator using production Automated Test Equipment (ATE)
with data logging of all parameters at each downpoint. All downpoint electrical testing was performed at room
temperature.
Figure 55. Irradiation Bias Configuration for the IS71444M
Notes:
V+ = +18V, V- = -18V
VOUT
+
-
ISL71444M
V+
V-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com