Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71831SEHF/PROTO Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL71831SEHF/PROTO
Description  Radiation Hardened 5V 32-Channel Analog Multiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71831SEHF/PROTO Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL71831SEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ISL71831SEH
FN8759 Rev.6.00
Page 2 of 21
Dec 8, 2022
Ordering Information
ORDERING NUMBER
(Note 2)
PART NUMBER
(Note 1)
RADIATION HARDNESS
(Total Ionizing Dose)
PACKAGE DESCRIPTION
(RoHS COMPLIANT)
PKG.
DWG. #
TEMP.
RANGE
5962L1524801VXC
ISL71831SEHVF
LDR to 75krad(Si)
48 Ld CQFP
R48.A
-55 to +125°C
5962L1524801V9A
ISL71831SEHVX (Note 3)DIE
N/A
N/A
ISL71831SEHF/PROTO (Note 4)
N/A
48 Ld CQFP
R48.A
N/A
ISL71831SEHX/SAMPLE
(Notes 3, 4)
DIE
N/A
N/A
ISL71831SEHEV1Z (Note 5)
Evaluation Board
NOTES:
1. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb
and Pb-free soldering operations.
2. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed must be
used when ordering.
3. Die product tested at TA = + 25°C. The wafer probe test includes functional and parametric testing sufficient to make the die capable of meeting the
electrical performance outlined in “Electrical Specifications (V+ = 5V)” on page 4 or “Electrical Specifications (V+ = 3.3V)” on page 6.
4. The /PROTO and /SAMPLE are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are intended for
engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across temperature specified in the DLA SMD and
are in the same form and fit as the qualified device. The /SAMPLE parts are capable of meeting the electrical limits and conditions specified in the
DLA SMD. The /SAMPLE parts do not receive 100% screening across temperature to the DLA SMD electrical limits. These part types do not come
with a Certificate of Conformance because they are not DLA qualified devices.
5. Evaluation board uses the /PROTO parts. The /PROTO parts are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE)
immunity.
TABLE 1. KEY DIFFERENCES BETWEEN FAMILY OF PARTS
PART NUMBER
NUMBER OF CHANNELS
OUTPUT LEAKAGE
PACKAGE
ISL71830SEH
16
60nA
28 Ld CDFP
ISL71831SEH
32
120nA
48 Ld CQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com