Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3V3L2BS3LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D3V3L2BS3LP
Description  2 CHANNELS BIDIRECTIONAL TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D3V3L2BS3LP Datasheet(HTML) 1 Page - Diodes Incorporated

  D3V3L2BS3LP Datasheet HTML 1Page - Diodes Incorporated D3V3L2BS3LP Datasheet HTML 2Page - Diodes Incorporated D3V3L2BS3LP Datasheet HTML 3Page - Diodes Incorporated D3V3L2BS3LP Datasheet HTML 4Page - Diodes Incorporated D3V3L2BS3LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D3V3L2BS3LP
Document number: DS42689 Rev. 2 - 2
1 of 5
www.diodes.com
September 2020
© Diodes Incorporated
D3V3L2BS3LP
2 CHANNELS BIDIRECTIONAL TVS
Product Summary
VBR (Min)
IPP (Max)
CT (Typ)
3.8V
8A
18pF
Description
This new generation TVS is designed to protect sensitive electronics
from the damage due to ESD and surge. The combination of small size
and high ESD surge capability makes it ideal for use in portable
applications such as cellular phones, digital cameras, and MP3 players.
Applications
Cellular Handsets
Portable Electronics
Computers and Peripheral
Features
Two Channels of ESD and Surge Protection
Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
Provides Surge and Lightning Protection per IEC 61000-4-5
Standard: IPP Max 8A
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: X1-DFN1006-3
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: NiPdAu over Copper Leadframe. Solderable per MIL-
STD-202, Method 208
Weight: 0.001 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Packaging
D3V3L2BS3LP-7B
Standard
SZ
7
8
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more
information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
e4
Bottom View
X1-DFN1006-3
SZ or SZ = Product Type Marking Code
SZ
1
2
3
3
2
1
Device Schematic
X1-DFN1006-3


Similar Part No. - D3V3L2BS3LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3L2BS3LPQ DIODES-D3V3L2BS3LPQ Datasheet
402Kb / 5P
2 CHANNELS BIDIRECTIONAL TVS
February 2023 Rev. 1 - 2
D3V3L2BS3LPQ-7B DIODES-D3V3L2BS3LPQ-7B Datasheet
402Kb / 5P
2 CHANNELS BIDIRECTIONAL TVS
February 2023 Rev. 1 - 2
More results

Similar Description - D3V3L2BS3LP

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX11CDN YEASHIN-YSDAXX11CDN Datasheet
795Kb / 3P
BIDIRECTIONAL TVS DIODE
YSMDAXXC-7 YEASHIN-YSMDAXXC-7 Datasheet
810Kb / 3P
BIDIRECTIONAL TVS ARRAY
logo
Diodes Incorporated
D3V3L2B3LP10 DIODES-D3V3L2B3LP10 Datasheet
493Kb / 6P
2 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 1
D5V0M2B3LP10 DIODES-D5V0M2B3LP10 Datasheet
133Kb / 4P
2 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 1
logo
Protek Devices
PLED3631X23NB PROTEC-PLED3631X23NB Datasheet
293Kb / 3P
BIDIRECTIONAL TVS DIE
logo
Yea Shin Technology Co....
YSESD3Z15BT1G YEASHIN-YSESD3Z15BT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
logo
Diodes Incorporated
D5V0M2B3LP DIODES-D5V0M2B3LP Datasheet
281Kb / 4P
2 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 2
logo
Shanghai Leiditech Elec...
MY05ESD1 LEIDITECH-MY05ESD1 Datasheet
510Kb / 3P
BIDIRECTIONAL TVS DIODE
logo
Diodes Incorporated
D3V3L2BS3LPQ DIODES-D3V3L2BS3LPQ Datasheet
402Kb / 5P
2 CHANNELS BIDIRECTIONAL TVS
February 2023 Rev. 1 - 2
D3V3L4BS4LP1308 DIODES-D3V3L4BS4LP1308 Datasheet
384Kb / 5P
4 CHANNELS BIDIRECTIONAL TVS
November 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com