Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBWM2512 Datasheet(PDF) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # EBWM2512
Description  Precision Trimming-free Alloy Current Sensing Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

EBWM2512 Datasheet(HTML) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  EBWM2512 Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD EBWM2512 Datasheet HTML 2Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L500=0.5mΩ
S=±200ppm/℃
2
5
1
2
E
B
W
M
F
1
L
0
0
S
9
EBWM2512J1L00S9
a
b
c
L
A
W
H
EBWM2512F1L00S9
EBWM2512D1L00S9
T
D
b
a
c
Recommend solder pad
Part Number Information
Example,EBWM2512F1L00S9 ( EBWM 2512 ±1% 1mΩ ±200ppm/
Standard )
℃
Series
EBWM
D=±0.5%
F=±1%
J=±5%
9=Standard
2512
Material
W
L
H
T
D
A
Dimensions
Tolerance
Resistance
TCR
≤±200ppm/°C
(-55~+170°C,+20°C Ref)
Manganese-
Copper
Specifications (mm)
Size
Size
Code
Datasheet no. E05014
Ver V0
Date 2022/7/28
TCR ≤±200ppm/°C (-55~+170°C, +20°C Ref ), tightest tolerance ±0.5%
No trimming&Non-hot-spot design, Low EMF
AEC-Q200 qualified
Introduction
This series is made from a precision Manganin alloy and which is then precisely machined and welded
using exclusive EB-Welding equipment designed and manufactured independently by C&B Group. The
combination of excellent consistency of metal alloy, the precision machining capability and the efficient
welding process allow the product to achieve a tight tolerance up to ±0.5% without trimming. The
"Trimming Free" technology avoids the loss of rated current and the hot-spot due to notches in the
trimming process, which greatly increases the reliability of the product. At the same time, the improved
welding quality ensures very low EMF and high stability of the product. From the raw material to equipment
and core process, whole process is strictly controlled inside of the house to make sure stable quality and
timely delivery.
This series is ideal for high current sensing circuits which ask for high precision at the same time. Visit
www.resistor.today to learn more.
1mΩ
6W
-65~+170°C
2512
Rated Power
Resistance
range
Tolerance
TCR
Operating
temp
±0.5%
±1%
±5%
Packaging
A
Series
Size
tape&reel
4000pcs/reel
EBWM2512JL500S9
EBWM2512FL500S9
EBWM2512DL500S9
≤±200ppm/°C
(-55~+170°C,+20°C Ref)
Manganese-
Copper
0.5mΩ
6W
-65~+170°C
2512
±0.5%
±1%
±5%
tape&reel
4000pcs/reel
3.9±0.25
3.4±0.25
1.8±0.25
6.3±0.2
1.0±0.2
3.0±0.2
0.4±0.1
0.35±0.1
0.75±0.2
2512
0.5mΩ
1mΩ
3.9±0.25
3.4±0.25
1.8±0.25
6.3±0.2
1.0±0.2
3.0±0.2
0.9±0.1
0.35±0.1
1.25±0.2
1L00=1mΩ
Resistance
No.:
E05014Version:
V1
Date:
2022/11/26
C&B Electronics Shenzhen Co.,Ltd|
| resi@cbeureka.com | Tel:0755-83981080/83981010
www.resistor.today
EBWM2512
Precision Trimming-free Alloy Current Sensing Resistor


Similar Part No. - EBWM2512

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
EBW OHMITE-EBW Datasheet
480Kb / 2P
Manganin-NiCr Current Sense
EBW OHMITE-EBW Datasheet
502Kb / 2P
Manganin/Aluchrom Alloy Current Sense
logo
Multicomp Pro
EBW-03-B MULTICOMP-EBW-03-B Datasheet
146Kb / 1P
Vertical PCB Terminal Blocks 3.81mm Pitch
24/06/14 V1.0
EBW-04-B MULTICOMP-EBW-04-B Datasheet
146Kb / 1P
Vertical PCB Terminal Blocks 3.81mm Pitch
24/06/14 V1.0
EBW-06-B MULTICOMP-EBW-06-B Datasheet
146Kb / 1P
Vertical PCB Terminal Blocks 3.81mm Pitch
24/06/14 V1.0
More results

Similar Description - EBWM2512

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CSS SEI-CSS Datasheet
530Kb / 13P
Ultra-precision Metal Alloy Current Sensing Chip Resistor
7/29/2022
logo
C&B ELECTRONICS (SHENZH...
EBWK2512 RESI-EBWK2512 Datasheet
689Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
PEWK3920 RESI-PEWK3920 Datasheet
690Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
PEWM3920 RESI-PEWM3920 Datasheet
681Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF2512 RESI-SEWF2512 Datasheet
504Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF3920 RESI-SEWF3920 Datasheet
739Kb / 3P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
PCSK RESI-PCSK Datasheet
1Mb / 2P
Molded Precision Current Sensing Resistor
2023/02/14
PCSR RESI-PCSR Datasheet
578Kb / 2P
Molded Precision Current Sensing Resistor
SEWF5930 RESI-SEWF5930 Datasheet
578Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
2022/11/28
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com