Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRR1305-R90ZL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR1305-R90ZL
Description  SMD Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR1305-R90ZL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR1305-R90ZL Datasheet HTML 1Page - Bourns Electronic Solutions SRR1305-R90ZL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SRR1305 Series - SMD Shielded Power Inductors
Features
Low height of only 5.0 mm
Inductance as low as 0.9 µH
High current up to 20 amps
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Inductance vs. DC Superposition Characteristics
Product Dimensions
Recommended Layout
Electrical Schematic
General Specifications
Test Voltage .....................................0.1 V
Reflow Soldering ...230 °C, 50 sec. max.
Operating Temperature .-40 °C to +125 °C
(Temperature rise included)
Storage Temperature...-40 °C to +125 °C
Resistance to Soldering Heat
..................................260 °C for 5 sec.
Materials
Core ............................Ferrite ER and SB
Wire .......................Ultra-fine rectangular
enameled copper
Terminal ........................................Cu/Sn
Adhesive ..............................Epoxy resin
Rated Current
...........Ind. drop 20 % max. at (L1) Isat
Temperature Rise
......................45 °C max. at rated Irms
Packaging.....................600 pcs. per reel
Inductance 100 kHz
SRF
RDC
I rms
I sat
Bourns Part No.
L0 (µH)
L1 (µH)
Tol. %
Min.
(m
Ω)
(L1) Max.
Typ.
(MHz)
(A)
(A)
SRR1305-R90ZL
0.9
0.75
± 25
95
2.5
20.0
22.0
SRR1305-1R4ZL
1.4
1.25
± 25
70
3.4
16.0
18.0
SRR1305-2R0ZL
2.0
1.80
± 25
60
4.6
13.0
15.0
SRR1305-2R7ZL
2.7
2.50
± 25
50
9.5
6.0
10.0
12.5 ± 0.3
(.492 ± .012)
12.5 ± 0.3
(.492 ± .012)
1.9 ± 0.2
(.075 ± .008)
NOM.
2.5
(.098)
NOM.
2.0
(.079)
NOM.
2.0
(.079)
NOM.
7.5 ± 0.25
(.295 ± .010)
5.0 ± 0.3
(.020 ± .012)
13.0
(.512)
4.7
(.185)
REF.
4.15
(.163)
REF.
4.15
(.163)
REF.
REF.
3.0
(.118)
NOM.
4.5
(.177)
NOM.
7.5
(.295)
REF.
10.5
(.413)
DC Current (A)
30
010
20
1.0
2.0
3.0
2R0Z
2R7Z
1R4Z
R90Z
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SRR1305-R90ZL

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SRR1 EIC-SRR1 Datasheet
48Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
SRR1 GOOD-ARK-SRR1 Datasheet
168Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
EIC discrete Semiconduc...
SRR1 EIC-SRR1 Datasheet
55Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
SRR1 SUNMATE-SRR1 Datasheet
312Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Bourns Electronic Solut...
SRR1003 BOURNS-SRR1003 Datasheet
220Kb / 2P
Shielded Power Inductors
More results

Similar Description - SRR1305-R90ZL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
Shielded SMD Power Inductors
SRR0905 BOURNS-SRR0905 Datasheet
351Kb / 2P
Shielded SMD Power Inductors
SRU1028 BOURNS-SRU1028 Datasheet
155Kb / 2P
Shielded SMD Power Inductors
logo
Superworld Electronics
STB1106 SUPERWORLD-STB1106 Datasheet
484Kb / 5P
SHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PSH3018 PREMO-PSH3018 Datasheet
356Kb / 11P
SMD Power Inductors Shielded
SHA PREMO-SHA Datasheet
167Kb / 9P
SMD Power Inductors Shielded
logo
Bourns Electronic Solut...
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com