Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRR4011-R47YL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR4011-R47YL
Description  Shielded SMD Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR4011-R47YL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR4011-R47YL Datasheet HTML 1Page - Bourns Electronic Solutions SRR4011-R47YL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Inductance 100 kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Typ.
Frequency
Min.
Max.
Max.
Typ.
(MHz)
(MHz)
(Ω)
(A)
(A)
SRR4011-R47YL
0.47
± 30
7
25.2
221
0.030
3.20
3.80
SRR4011-1R2YL
1.20
± 30
10
7.96
133
0.048
2.70
2.50
SRR4011-1R5YL
1.50
± 30
11
7.96
121
0.056
2.30
2.10
SRR4011-2R2YL
2.20
± 30
11
7.96
92
0.075
2.00
1.80
SRR4011-3R3YL
3.30
± 30
10
7.96
67
0.110
1.60
1.40
SRR4011-4R7YL
4.70
± 30
13
7.96
61
0.165
1.35
1.20
SRR4011-6R2YL
6.20
± 30
7
7.96
51
0.195
1.20
1.00
SRR4011-8R2YL
8.20
± 30
8
7.96
39
0.215
1.10
0.92
SRR4011-100YL
10.00
± 30
14
2.52
41
0.240
1.00
0.83
SRR4011-150YL
15.00
± 30
11
2.52
33
0.400
0.90
0.70
SRR4011-220YL
22.00
± 30
13
2.52
23
0.580
0.60
0.57
SRR4011-330YL
33.00
± 30
15
2.52
20
0.860
0.55
0.47
SRR4011-470YL
47.00
± 30
10
2.52
18
1.250
0.48
0.40
SRR4011-680YL
68.00
± 30
12
2.52
14
1.800
0.35
0.32
SRR4011-820YL
82.00
± 30
13
2.52
11
2.200
0.33
0.30
SRR4011-101YL
100.00
± 30
18
0.796
11
2.400
0.31
0.27
SRR4011-151YL
150.00
± 30
39
0.796
8
3.800
0.25
0.22
SRR4011 Series - Shielded SMD Power Inductors
Features
■
Available in E6 values
■
Mounting height of only 1.15 mm
■
Inductance value to 0.47 µH
■
RoHS compliant*
Applications
■
Input/output of DC/DC converters
■
Power supplies for:
•
Portable communication equipment
•
Camcorders
•
LCD TVs
•
Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
100
4.80 ± 0.30
(.190 ± .012)
TYP.
4.80 ± 0.30
(.190 ± .012)
1.15 ± 0.15
(.045 ± .006)
1.60
(.063)
TYP.
1.60
(.063)
TYP.
1.60
(.063)
General Specifications
Test Voltage .....................................0.1 V
Reflow Soldering ...230 °C, 50 sec. max.
Operating Temperature .-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
................................260 °C for 10 sec.
Materials
Core ............................Ferrite DR and RI
Wire .............Enameled copper wire 130
Terminal.....................................Ag/Ni/Sn
Rated Current
....................Ind. drop 30 % typ. at Isat
Temperature Rise ..................40 °C max.
at rated Irms
Packaging ..................1200 pcs. per reel
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
5.30
(.209)
REF.
REF.
2.00
(.079)
REF.
2.00
(.079)
REF.
1.50
(.059)
REF.
1.80
(.071)


Similar Part No. - SRR4011-R47YL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR4011 BOURNS-SRR4011 Datasheet
117Kb / 2P
SHIELDED SMD POWER INDUCTOR
SRR4011 BOURNS-SRR4011_12 Datasheet
117Kb / 2P
SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SRR4011-R47YL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
Shielded SMD Power Inductors
SRR0905 BOURNS-SRR0905 Datasheet
351Kb / 2P
Shielded SMD Power Inductors
SRU1028 BOURNS-SRU1028 Datasheet
155Kb / 2P
Shielded SMD Power Inductors
logo
Superworld Electronics
STB1106 SUPERWORLD-STB1106 Datasheet
484Kb / 5P
SHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PSH3018 PREMO-PSH3018 Datasheet
356Kb / 11P
SMD Power Inductors Shielded
SHA PREMO-SHA Datasheet
167Kb / 9P
SMD Power Inductors Shielded
logo
Bourns Electronic Solut...
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com