Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC124XM Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # PDTC124XM
Description  PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124XM Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button PDTC124XM Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC124XM Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC124XM Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC124XM Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC124XM Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC124XM Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC124XM Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTC124XM Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTC124XM Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PDTA124X_SER_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 3 September 2009
10 of 12
NXP Semiconductors
PDTA124X series
PNP resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
10. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PDTA124X_SER_8
20090903
Product data sheet
-
PDTA124X_SER_7
Modifications:
• This data sheet was changed to reflect the new company name NXP Semiconductors,
including new legal definitions and disclaimers. No changes were made to the technical
content
PDTA124X_SER_7
20050811
Product data sheet
-
PDTA124X_SERIES_6
PDTA124X_SERIES_6
20040804
Product specification
-
PDTA124X_SERIES_5
PDTA124X_SERIES_5
20040407
Product specification
-
PDTA124X_SERIES_4
PDTA124X_SERIES_4
20030414
Product specification
-
PDTA124XE_3
PDTA124XEF_2
PDTA124XE_3
19990521
Product specification
-
PDTA124XE_2
PDTA124XE_2
19981125
Product specification
-
PDTA124XE_1
PDTA124XE_1
19971215
Product specification
-
-
PDTA124XEF_2
19990525
Preliminary specification -
PDTA124XEF_1
PDTA124XEF_1
19981116
Preliminary specification -
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com