Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72027SEHF/PROTO Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL72027SEHF/PROTO
Description  3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72027SEHF/PROTO Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL72027SEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL72027SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ISL72027SEH
FN8763 Rev 3.00
Page 2 of 19
August 16, 2016
Ordering Information
ORDERING/SMD
NUMBER (Note 1)
PART NUMBER
(Note 2)
TEMP RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
5962L1522802VXC
ISL72027SEHVF
-55 to +125
8 Ld Ceramic Flatpack
K8.A
N/A
ISL72027SEHF/PROTO
-55 to +125
8 Ld Ceramic Flatpack
K8.A
5962L1522802V9A
ISL72027SEHVX
-55 to +125
Die
N/A
ISL72027SEHX/SAMPLE
-55 to +125
Die
N/A
ISL72027SEHEVAL1Z
Evaluation Board
NOTES:
1. Specifications for Radiation Tolerant QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed
in the Ordering Information must be used when ordering.
2. These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations.
TABLE 1. ISL7202xSEH PRODUCT FAMILY FEATURE TABLE
SPEC
ISL72026SEH
ISL72027SEH
ISL72028SEH
Loopback Feature
Yes
No
No
VREF Output
No
Yes
Yes
Listen Mode
Yes
Yes
No
Shutdown Mode
No
No
Yes
VTHRLM
1150mV (Max)
1150mV (Max)
N/A
VTHFLM
525mV (Min)
525mV (Min)
N/A
VHYSLM
50mV (Min)
50mV (Min)
N/A
Supply Current, Listen Mode
2mA (Max)
2mA (Max)
N/A
Supply Current, Shutdown Mode
N/A
N/A
50µA (Max)
VREF Leakage Current
N/A
±25µA (Max)
±25µA (Max)
N/A: Not Applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com