Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72028BSEHX/SAMPLE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL72028BSEHX/SAMPLE
Description  3.3V Radiation Tolerant CAN Transceiver, with Low-Power Shutdown, Split Termination Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028BSEHX/SAMPLE Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL72028BSEHX/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp ISL72028BSEHX/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp ISL72028BSEHX/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp ISL72028BSEHX/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp ISL72028BSEHX/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp ISL72028BSEHX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp ISL72028BSEHX/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp ISL72028BSEHX/SAMPLE Datasheet HTML 11Page - Renesas Technology Corp ISL72028BSEHX/SAMPLE Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ISL72028BSEH
FN8902 Rev 0.00
Page 8 of 20
November 30, 2016
Test Circuits and Waveforms
FIGURE 10. DRIVER TEST CIRCUIT
FIGURE 11. DRIVER BUS VOLTAGE DEFINITIONS
FIGURE 12. DRIVER COMMON-MODE CIRCUIT
FIGURE 13A. DRIVER TIMING TEST CIRCUIT
FIGURE 13B. DRIVER TIMING MEASUREMENT POINTS
FIGURE 13. DRIVER TIMING
CANH
CANL
GND
D
60Ω
V
V
VO(CANH)
VO(CANL)
RECESSIVE
DOMINANT
3V
2.3V
1V
VOD
VO(CANH)
VO(CANL)
CANH
CANL
GND
D
60Ω
V -7V < VCM < 12V
330Ω
330Ω
CANH
CANL
GND
D
60Ω
V VO
±1%
CL
50pF
±20%
VIN
VIN = 125kHz, 0V to VCC, Duty Cycle 50%, tr = tf ≤ 6ns, ZO = 50Ω
CL includes fixture and instrumentation capacitance
SCOPE
tPLH
90%
0.9V
10%
0.5V
tPHL
VIN
VO
VDOM
VREC
VCC
0V
0.5 x VCC
tr
tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com