Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72028SEHX/SAMPLE Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL72028SEHX/SAMPLE
Description  3.3V Radiation Tolerant CAN Transceiver, with Low Power Shutdown, Split Termination Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028SEHX/SAMPLE Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL72028SEHX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 11Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 12Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 13Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 14Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 15Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 16Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ISL72028SEH
FN8764 Rev 3.00
Page 13 of 18
August 16, 2016
FIGURE 32. TRANSMITTER RISE AND FALL TIMES vs TEMPERATURE
AT SLOW SPEED
FIGURE 33. DRIVER OUTPUT CURRENT vs DIFFERENTIAL OUTPUT
VOLTAGE
FIGURE 34. DRIVER OUTPUT CURRENT vs SHORT CIRCUIT VOLTAGE
vs TEMPERATURE
FIGURE 35. DRIVER OUTPUT CURRENT vs SHORT CIRCUIT VOLTAGE
vs TEMPERATURE
FIGURE 36. RECEIVER OUTPUT CURRENT vs RECEIVER OUTPUT
VOLTAGE AT VCC = 3V
FIGURE 37. RECEIVER OUTPUT CURRENT vs RECEIVER OUTPUT
VOLTAGE AT VCC = 3.6V
Typical Performance Curves C
L = 15pF, TA = +25°C; unless otherwise specified. (Continued)
TEMPERATURE (°C)
0
200
400
600
800
1000
1200
-55
-35
-15
5
25
45
65
85
105
125
RS = 50kΩ, RDIFF = 60Ω
RISE, VCC = 3V
RISE, VCC = 3.6V
FALL, VCC = 3.6V
FALL, VCC = 3V
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
DIFFERENTIAL OUTPUT VOLTAGE (V)
3.3
+125 °C
+85 °C
+25 °C
RDIFF = 20Ω
RDIFF = 30Ω
RDIFF = 60Ω
RDIFF = 120Ω
-150
-100
-50
0
50
100
150
-20
-15
-10
-5
0
5
10
15
20
BUS VOLTAGE (V)
VCC = 3V, D = GND
CANL
CANH
-55 °C
+25 °C
+125 °C
-55 °C
+25 °C
+125 °C
BUS VOLTAGE (V)
-200
-150
-100
-50
0
50
100
150
-20
-15
-10
-5
0
5
10
15
20
VCC = 3.6V, D = GND
CANL
CANH
-55 °C
+25 °C
+125 °C
-55 °C
+25 °C
+125 °C
-40
-30
-20
-10
0
10
20
30
40
50
0
0.5
1.0
1.5
2.0
2.5
3.0
RECEIVER OUTPUT VOLTAGE (V)
VOL
VOH
+125 °C
-55 °C
+25 °C
VCC = 3V
-55 °C
+25 °C
+125 °C
RECEIVER OUTPUT VOLTAGE (V)
-60
-40
-20
0
20
40
60
80
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCC = 3.6V
VOL
VOH
-55 °C
+25 °C
+125 °C
+125 °C
-55 °C
+25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com