Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73841SEHF/PROTO Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL73841SEHF/PROTO
Description  Radiation Tolerant 30V 32-Channel Analog Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73841SEHF/PROTO Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL73841SEHF/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL73841SEHF/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL73841SEHF/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL73841SEHF/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL73841SEHF/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL73841SEHF/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL73841SEHF/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL73841SEHF/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL73841SEHF/PROTO Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ISL73841SEH
FN8846 Rev 3.00
Page 21 of 24
Feb 23, 2018
TABLE 3. ISL73841SEH DIE LAYOUT X-Y COORDINATES
PAD NUMBER
PAD NAME
PACKAGING PIN
ΔX
(µm)
ΔY
(µm)
X
(µm)
Y
(µm)
1
IN28
P42
122
122
2232.2
1776.05
2
IN29
P43
122
122
1956.5
1772.2
3
IN30
P44
122
122
1529.15
1772.2
4
IN31
P45
122
122
1171.85
1772.2
5
IN32
P46
122
122
816.35
1772.2
9
OUT
P1
122
122
7.2
1773.25
11
IN16
P3
122
122.05
-829.525
1772.2
12
IN15
P4
122
122
-1192.2
1772.2
13
IN14
P5
122
122
-1553.65
1772.2
14
IN13
P6
122
122
-1965.35
1772.2
15
IN12
P7
122
122
-2232.2
1775.55
16
IN11
P8
122
122
-2232.2
1343.55
17
IN10
P9
122
122
-2232.2
944.5
18
IN9
P10
122
122
-2232.2
626.15
19
IN8
P11
122
122
-2232.2
354.4
20
IN7
P12
122
122.05
-2232.2
108.275
21
IN6
P13
122
122
-2232.2
-138.75
22
IN5
P14
122
122
-2232.2
-391.8
23
IN4
P15
122
122
-2232.2
-622.95
24
IN3
P16
122
122
-2232.2
-948.55
25
IN2
P17
122
122
-2232.2
-1379.95
26
IN1
P18
122
122
-2232.2
-1775.95
27
V+
P19
122
122
-1970.75
-1789.2
28
VREF
P20
122
122
-1558.65
-1789.2
29
A0
P21
122
122
-1196.8
-1789.2
30
A1
P22
122
122
-835.6
-1789.2
31
A2
P23
122
122
-533
-1789.2
32
A3
P24
122
122
-109.45
-1789.2
33
A4
P25
122
122
313.95
-1789.2
37
EN_B
P28
122
122
1171.9
-1789.2
38
GND
P29, P29
320
122
1525.85
-1789.1
39
V-
P30
122
122
1955.7
-1789.2
40
IN17
P31
122
122
2232.2
-1774.95
41
IN18
P32
122
122
2232.2
-1380.25
42
IN19
P33
122
122
2232.2
-947.45
43
IN20
P34
122
122
2232.2
-624.75
44
IN21
P35
122
122
2232.2
-391.95
45
IN22
P36
122
122
2232.2
-139.05
46
IN23
P37
122
122.05
2232.2
107.525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com