Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL74422ARHF/PROTO Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL74422ARHF/PROTO
Description  Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL74422ARHF/PROTO Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL74422ARHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL74422ARHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL74422ARHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISL74422ARH
FN9031 Rev 2.00
Page 2 of 3
April 1, 2010
Pin Descriptions
PIN(s)
SYMBOL
DESCRIPTION
1, 2, 6, 7, 10, 11,
14
NC
NO Connect.
3
LVS
Provides the supply voltage for the control logic. It is not internally connected to Pins
15 and 16 for noise immunity purposes, but may be connected externally.
4
IN
Input voltage to the driver.
5
LGND
Control logic return. It is not internally connected to Pins 8 and 9 for noise immunity
purposes, but may be connected externally.
8, 9
GND
Pins must be connected to GND.
12, 13
OUT
Pins must be connected to output.
15, 16
VS
Pins must be connected to VS.
Ordering Information
ORDERING NUMBER
PART NUMBER
(Note)
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS COMPLIANT)
5962F0152101VXC
ISL74422ARHVF
Q5962F01 52101VXC
-55 to +125
16 LD Flatpack
5962F0152101QXC
ISL74422ARHQF
Q5962F01 52101QXC
-55 to +125
16 LD Flatpack
5962F0152101V9A
ISL74422ARHVX
-55 to +125
DIE
ISL74422ARHF/PROTO
ISL74422ARHF/PROTO
ISL7 4422ARHF /PROTO
-55 to +125
16 LD Flatpack
ISL74422ARHY/SAMPLE
ISL74422ARHY/SAMPLE
-55 to +125
DIE SAMPLE
NOTE: These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS
compliant and compatible with both SnPb and Pb-free soldering operations.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com