Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97671 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL97671
Description  6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97671 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL97671 Datasheet HTML 17Page - Renesas Technology Corp ISL97671 Datasheet HTML 18Page - Renesas Technology Corp ISL97671 Datasheet HTML 19Page - Renesas Technology Corp ISL97671 Datasheet HTML 20Page - Renesas Technology Corp ISL97671 Datasheet HTML 21Page - Renesas Technology Corp ISL97671 Datasheet HTML 22Page - Renesas Technology Corp ISL97671 Datasheet HTML 23Page - Renesas Technology Corp ISL97671 Datasheet HTML 24Page - Renesas Technology Corp ISL97671 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
FN7631 Rev.4.00
Page 21 of 27
Sep 7, 2017
ISL97671
REGISTER 0x02
FAULT/STATUS REGISTER
RESERVED
RESERVED
2_CH_SD
1_CH_SD
BL_STAT
OV_CURR
THRM_SHDN
FAULT
Bit 7 (R)
Bit 6 (R)
Bit 5 (R)
Bit 4 (R)
Bit 3 (R)
Bit 2 (R)
Bit 1 (R)
Bit 0 (R)
BIT
BIT ASSIGNMENT
BIT FIELD DEFINITIONS
Bit 5
2_CH_SD
= Two LED output channels are shutdown (1 = shutdown, 0 = OK)
Bit 4
1_CH_SD
= One LED output channel is shutdown (1 = shutdown, 0 = OK)
Bit 3
BL_STAT
= BL Status (1 = BL On, 0 = BL Off)
Bit 2
OV_CURR
= Input Overcurrent (1 = Overcurrent condition, 0 = Current OK)
Bit 1
THRM_SHDN
= Thermal Shutdown (1 = Thermal Fault, 0 = Thermal OK)
Bit 0
FAULT
= Fault occurred (Logic “OR” of all of the fault conditions)
FIGURE 32. DESCRIPTIONS OF FAULT/STATUS REGISTER
REGISTER 0x03
ID REGISTER
LED PANEL
MFG3
MFG2
MFG1
MFG0
REV2
REV1
REV0
Bit 7 = 1
Bit 6 (R)
Bit 5 (R)
Bit 4 (R)
Bit 3 (R)
Bit 2 (R)
Bit 1 (R)
Bit 0 (R)
BIT ASSIGNMENT
BIT FIELD DEFINITIONS
MFG[3..0]
= Manufacturer ID. See “Identification Register
(0x03)” on page 20.
data 0 to 8 in decimal correspond to other vendors
data 9 in decimal represents Intersil ID
data 10 to 14 in decimal are reserved
data 15 in decimal Manufacturer ID is not
implemented
REV[2..0]
= Silicon rev (Rev 0 through Rev 7 allowed for silicon
spins)
FIGURE 33. DESCRIPTIONS OF ID REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com