Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97673 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL97673
Description  6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97673 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL97673 Datasheet HTML 17Page - Renesas Technology Corp ISL97673 Datasheet HTML 18Page - Renesas Technology Corp ISL97673 Datasheet HTML 19Page - Renesas Technology Corp ISL97673 Datasheet HTML 20Page - Renesas Technology Corp ISL97673 Datasheet HTML 21Page - Renesas Technology Corp ISL97673 Datasheet HTML 22Page - Renesas Technology Corp ISL97673 Datasheet HTML 23Page - Renesas Technology Corp ISL97673 Datasheet HTML 24Page - Renesas Technology Corp ISL97673 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ISL97673
FN7633 Rev.3.00
Page 21 of 28
Sep 19, 2017
This register has two bits that control either SMBus/I2C
controlled or external PWM controlled PWM dimming and
a single bit that controls the BL ON/OFF state. The
remaining bits are reserved. The bit assignment is shown
in Figure 30. All other bits in the Device Control Register
will read as low unless otherwise written.
• All defined control bits return their current, latched
value when read.
A value of 1 written to BL_CTL turns on the BL in 4ms or
less after the write cycle completes. The BL is
• deemed to be on when Bit 3 BL_STAT of Register 0x02
is 1 and Register 0x09 is not 0.
• A value of 0 written to BL_CTL immediately turns off the
BL. The BL is deemed to be off when Bit 3 BL_STAT of
Register 0x02 is 0 and Register 0x09 is 0.
• When SMBus/I2C mode with DPST is selected,
Register 0x00 reflects the last value written to it
from SMBus/I2C.
• The default value for Register 0x01 is 0x00.
Fault/Status Register (0x02)
This register has 6 status bits that allow monitoring of
the backlight controller’s operating state. Bit 0 is a logical
“OR” of all fault codes to simplify error detection. Not all
of the bits in this register are fault related (Bit 3 is a
simple BL status indicator). The remaining bits are
reserved and return a “0” when read. All of the bits in
this register are read-only, with the exception of Bit 0,
which can be cleared by writing to it.
• A Read Byte cycle to Register 0x02 indicates the
current BL on/off status in BL_STAT (1 if the BL is on,
0 if the BL is off).
• A Read Byte cycles to Register 0x2 also returns
FAULT as the logical OR of THRM_SHDN, OV_CURR,
2_CH_SD, and 1_CH_SD should these events occur.
• 1_CH_SD returns a 1 if one or more channels have
faulted out.
• 2_CH_SD returns a 1 if two or more channels have
faulted out.
• A fault will not be reported in the event that the BL is
commanded on and then immediately off by the
system.
• When FAULT is set to 1, it will remain at 1 even if the
signal which sets it goes away. FAULT will be cleared
when the BL_CTL bit of the Device Control Register is
toggled or when written low. At that time, if the fault
condition is still present or reoccurs, FAULT will be
set to 1 again. BL_STAT will not cause FAULT to be
set
.
• The default value for Register 0x02 is 0x00.
Si Revision Register (0x03)
The Si Revision register has 3 bits that allows up to 8
silicon revisions each. In order to keep the number of
silicon revisions low, the revision field will not be updated
unless the part will make it out to the user’s factory.
Thus, if during the first silicon engineering development
process, 2 silicon spins were needed, the revision
remains as 0. All of the bits in this register are read-only.
• The default value for Register 0x03 is 0xC8.
The initial value of REV shall be 0. Subsequent values of
REV will increment by 1.
REGISTER 0x02
FAULT/STATUS REGISTER
RESERVED RESERVED 2_CH_SD 1_CH_SD
BL_STAT OV_CURR THRM_SHDN
FAULT
Bit 7 (R)
Bit 6 (R)
Bit 5 (R)
Bit 4 (R)
Bit 3 (R)
Bit 2 (R)
Bit 1 (R)
Bit 0 (R)
BIT
BIT ASSIGNMENT
BIT FIELD DEFINITIONS
Bit 5
2_CH_SD
= Two LED output channels are shutdown (1 = shutdown, 0 = OK)
Bit 4
1_CH_SD
= One LED output channel is shutdown (1 = shutdown, 0 = OK)
Bit 3
BL_STAT
= BL Status (1 = BL On, 0 = BL Off)
Bit 2
OV_CURR
= Input Overcurrent (1 = Overcurrent condition, 0 = Current OK)
Bit 1
THRM_SHDN
= Thermal Shutdown (1 = Thermal Fault, 0 = Thermal OK)
Bit 0
FAULT
= Fault occurred (Logic “OR” of all of the fault conditions)
FIGURE 31. DESCRIPTIONS OF FAULT/STATUS REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com