Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSH-31-R Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # STSH-31-R
Description  Ultraminiature Tactile Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

STSH-31-R Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  STSH-31-R Datasheet HTML 1Page - Bourns Electronic Solutions STSH-31-R Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 02/06
Product Dimensions
STS Series - Ultraminiature Tactile Switch
1.5
(.059)
6.0
(.236)
3.5
(.138)
6.5 ± 0.10
(.256 ± .004)
1.3 ± 0.05
(.051 ± .002)
DIA.
2 PLCS.
7.9 ± 0.5
(.311 ± 0.20)
3.0
(.118)
STSH
1.0
(.039)
3.5
(.138)
0.25
(.010)
0.5
(.020)
MAX.
PCB LAYOUT
3.5 ± 0.5
(.138 ± 0.20)
1.80 +0/-0.3
(.071 +0/.020)
H ± 0.2
(H ± .008)
6.5 ± 0.5
(.256 ± 0.20)
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCES: ± 0.2 (.008)
Packaging Specifications
STS_-31:
T:
5 °
0.5 ± 0.05
(0.02 ± .002)
1.75 ± 0.10
(0.07 ± .004)
7.5 ± 0.10
(0.30 ± .004)
4.5 ± 0.10
(0.18 ± .004)
STS_-32:
5.2 ± 0.10
(0.20 ± .004)
1.50 ± 0.10
(0.06 ± .004)
3.80 ± 0.10
(0.15 ± .004)
2.50
(0.10)
6.50
(0.26)
16.0 ± 0.3
(0.63 ± .012)
DIA.
DIA.
1.50 +.10/-.00
(.059 +.004./-.00)
8.00 ± 0.10
(0.31 ± .004)
2.0 ± 0.10
(0.08 ± .004)
4.0 ± 0.10
(0.16 ± .004)
9.50 ± 0.10
(0.37 ± .004)
STSG
STSM
STSH
4.40 +0.0/-0.20
(0.17 +0.0/-.008)
R
4.50 +0.0/-0.20
(0.18 +0.0/-.008)
4.30 +0.20/-0.0
(0.17 +.008/-0.0)
10.0 +0.20/-0.0
(0.39 +.008/-0.0)
5.60 +0.20/-0.0
(0.22 +.008/-0.0)
6.80 ± 0.10
(0.27 ± .004)
1.55 ± 0.10
(0.06 ± .004)
0.10
(0.004)
18 PLCS.
0.60
(0.024)
2 PLCS.
R
0.60
(0.024)
10 PLCS.
5.45
(0.21)
1.5 °
9.50
(0.37)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com