Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC161 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC161
Description  PNP medium power transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC161 Datasheet(HTML) 3 Page - NXP Semiconductors

  BC161 Datasheet HTML 1Page - NXP Semiconductors BC161 Datasheet HTML 2Page - NXP Semiconductors BC161 Datasheet HTML 3Page - NXP Semiconductors BC161 Datasheet HTML 4Page - NXP Semiconductors BC161 Datasheet HTML 5Page - NXP Semiconductors BC161 Datasheet HTML 6Page - NXP Semiconductors BC161 Datasheet HTML 7Page - NXP Semiconductors BC161 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 May 12
3
Philips Semiconductors
Product specification
PNP medium power transistors
BC160; BC161
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BC160
−−40
V
BC161
−−60
V
VCEO
collector-emitter voltage
open base
BC160
−−40
V
BC161
−−60
V
VEBO
emitter-base voltage
open collector
−−5V
IC
collector current (DC)
−−1A
ICM
peak collector current
−−1.5
A
IBM
peak base current
−−200
mA
Ptot
total power dissipation
Tcase ≤ 45 °C
−
3.7
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
175
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
200
K/W
Rth j-c
thermal resistance from junction to case
35
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com