Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS321613-R12K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CS321613-R12K
Description  Ferrite Multi-Layer Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CS321613-R12K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CS321613-R12K Datasheet HTML 1Page - Bourns Electronic Solutions CS321613-R12K Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Bourns Part No.
Inductance
Q
Test Freq.
SRF MHz
DCR
I rms
µH
Tol.%
typ.
L,Q MHz
min.
typ.
m
Ω
Ω max.
mA max.
CS321613-47NK
0.047
±10
60
50
320
400
150
300
CS321613-68NK
0.068
±10
60
50
280
350
150
300
CS321613-R10K
0.10
±10
50
25
235
300
200
250
CS321613-R12K
0.12
±10
50
25
220
280
200
250
CS321613-R15K
0.15
±10
50
25
200
250
200
250
CS321613-R18K
0.18
±10
50
25
185
230
200
250
CS321613-R22K
0.22
±10
50
25
170
220
250
250
CS321613-R27K
0.27
±10
50
25
150
200
250
250
CS321613-R33K
0.33
±10
50
25
145
180
300
250
CS321613-R39K
0.39
±10
50
25
135
170
300
200
CS321613-R47K
0.47
±10
50
25
125
160
300
200
CS321613-R56K
0.56
±10
50
25
115
150
350
150
CS321613-R68K
0.68
±10
50
25
105
135
350
150
CS321613-R82K
0.82
±10
50
25
100
125
400
150
CS321613-1R0K
1.0
±10
80
10
75
105
250
100
CS321613-1R2K
1.2
±10
80
10
65
95
300
100
CS321613-1R5K
1.5
±10
80
10
60
85
300
50
CS321613-1R8K
1.8
±10
80
10
55
75
500
50
CS321613-2R2K
2.2
±10
80
10
50
70
600
50
CS321613-2R7K
2.7
±10
80
10
45
65
600
50
CS321613-3R3K
3.3
±10
85
10
40
55
700
50
CS321613-3R9K
3.9
±10
85
10
38
50
800
50
CS321613-4R7K
4.7
±10
85
10
35
48
800
50
CS321613-5R6K
5.6
±10
65
4
32
45
600
25
CS321613-6R8K
6.8
±10
65
4
29
40
600
25
CS321613-8R2K
8.2
±10
65
4
26
36
600
25
CS321613-100K
10.0
±10
65
2
24
33
700
25
CS321613-120K
12.0
±10
65
2
22
30
900
25
CS321613-150K
15.0
±10
45
1
19
27
1100
25
CS321613-180K
18.0
±10
45
1
18
25
1400
25
CS321613-220K
22.0
±10
45
1
16
22
1400
25
CS321613-270K
27.0
±10
45
1
14
20
1500
25
CS321613-330K
33.0
±10
45
0.4
13
18
1500
25
9.0
(.354)
12.0
(.472)
2.0 ± 0.8
(.079 ± .031)
50.0
(1.969)
178.0
(7.00)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
Packaging Specifications
CS321613 Series - Ferrite Multi-Layer Chip Inductors
Features
■
1206 size
■
Magnetic shielding
■
High Q characteristics
■
Nickel barrier
■
Lead free
Applications
■
Prevention of electromagnetic
interference to signals on the secondary
side of electronic equipment
Electrical Specifications
Product Dimensions
Recommended Layout
3.2 ± 0.2
(.126 ± .008)
0.76
(.030)
MAX.
1.3 ± 0.2
(.051 ± .008)
1.6 ± 0.2
(.063 ± .008)
General Specifications
Temperature Rise
...................20 ˚C max. at rated current
Operating Temperature
..................................-55 °C to +125 °C
Storage Temperature
.................................-55 °C to +125 °C
Reflow Soldering ...230 °C, 50 sec. max.
Resistance to Soldering Heat
...............................260 ˚C, 10 seconds
Materials
Base Material ................................Ferrite
Terminal.....................................Ag/Ni/Sn
Packaging..................3,000 pcs. per reel
2.2
(.087)
REF.
REF.
1.6
(.062)
REF.
1.4
(.055)
REF.
1.4
(.055)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - CS321613-R12K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS3216 ETC-CS3216 Datasheet
3Mb / 7P
Typical Performance Characteristics
logo
SAMWHA ELECTRIC
CS3216C0G050C631NRE SAMWHA-CS3216C0G050C631NRE Datasheet
278Kb / 1P
Mulitlayer Ceramic Capacitor
CS3216C0G100D500NRB SAMWHA-CS3216C0G100D500NRB Datasheet
277Kb / 1P
Mulitlayer Ceramic Capacitor
CS3216C0G100D631NRE SAMWHA-CS3216C0G100D631NRE Datasheet
278Kb / 1P
Mulitlayer Ceramic Capacitor
CS3216C0G100J102NRB SAMWHA-CS3216C0G100J102NRB Datasheet
278Kb / 1P
Mulitlayer Ceramic Capacitor
More results

Similar Description - CS321613-R12K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
Ferrite Multi-Layer Chip Inductors
CS201212 BOURNS-CS201212 Datasheet
307Kb / 2P
Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0603 CT-CTML0603 Datasheet
202Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0805 CT-CTML0805 Datasheet
228Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206 CT-CTML1206 Datasheet
198Kb / 1P
Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808_11 Datasheet
216Kb / 2P
Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0402F CT-CTML0402F Datasheet
278Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0603F CT-CTML0603F Datasheet
129Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0805F CT-CTML0805F Datasheet
129Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206HCF CT-CTML1206HCF Datasheet
81Kb / 1P
Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com