Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CI160808-R10J Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CI160808-R10J
Description  Multi-Layer Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CI160808-R10J Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CI160808-R10J Datasheet HTML 1Page - Bourns Electronic Solutions CI160808-R10J Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Bourns Part No.
Inductance
Q
Test Freq.
SRF MHz
DCR
I rms
nH
Tol. %
min.
L,Q MHz
min.
typ.
ohm max.
mA max.
CI160808-1N0D
1.0
±0.3 nH
8
100
4000
13000
0.10
300
CI160808-1N2D
1.2
±0.3 nH
8
100
4000
13000
0.10
300
CI160808-1N5D
1.5
±0.3 nH
8
100
4000
10000
0.10
300
CI160808-1N8D
1.8
±0.3 nH
8
100
3800
10000
0.12
300
CI160808-2N2D
2.2
±0.3 nH
8
100
3600
10000
0.16
300
CI160808-2N7D
2.7
±0.3 nH
8
100
3400
8000
0.20
300
CI160808-3N3D
3.3
±0.3 nH
10
100
3200
6000
0.22
300
CI160808-3N9D
3.9
±0.3 nH
10
100
3000
6000
0.25
300
CI160808-4N7D
4.7
±0.3 nH
10
100
2800
5000
0.28
300
CI160808-5N6D
5.6
±0.3 nH
10
100
2700
5000
0.29
300
CI160808-6N8J
6.8
±5
10
100
2600
4000
0.30
300
CI160808-8N2J
8.2
±5
10
100
2200
4000
0.33
300
CI160808-10NJ
10
±5
10
100
1800
3000
0.35
300
CI160808-12NJ
12
±5
10
100
1650
2700
0.40
300
CI160808-15NJ
15
±5
10
100
1350
2400
0.45
300
CI160808-18NJ
18
±5
10
100
1350
2050
0.50
300
CI160808-22NJ
22
±5
10
100
1100
1850
0.55
300
CI160808-27NJ
27
±5
10
100
1100
1750
0.60
300
CI160808-33NJ
33
±5
10
100
1000
1500
0.65
300
CI160808-39NJ
39
±5
10
100
900
1350
0.70
300
CI160808-47NJ
47
±5
10
100
800
1200
0.90
300
CI160808-56NJ
56
±5
10
100
750
1150
1.00
300
CI160808-68NJ
68
±5
10
100
700
1000
1.20
300
CI160808-82NJ
82
±5
10
100
600
900
1.50
300
CI160808-R10J
100
±5
10
100
500
850
1.70
300
CI160808-R12J
120
±5
8
50
500
850
2.00
250
CI160808-R15J
150
±5
8
50
500
680
2.40
200
CI160808-R18J
180
±5
8
50
400
60
2.70
200
CI160808-R22J
220
±5
8
50
350
500
2.80
200
CI160808-R27J
270
±5
8
50
300
450
3.10
200
9.0
(.354)
12.0
(.472)
2.0 ± 0.5
(.079 ± .020)
50.0
(1.969)
178.0
(7.00)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
Packaging Specifications
CI160808 Series - Multi-Layer Chip Inductors
Features
■
0603 size
■
Available in E12 Series
■
High frequency
■
Nickel barrier
■
Lead free
Applications
■
Mobil phones
■
Cellular phones
■
CTV, VCR, HIC, FDD
■
Automotive electronics
Electrical Specifications
Product Dimensions
Recommended Layout
1.6 ± 0.15
(.063 ± .006)
0.5
(.020)
MAX.
0.8 ± 0.15
(.031 ± .006)
0.8 ± 0.15
(.031 ± .006)
General Specifications
Temperature Rise
...................20 ˚C max. at rated current
Operating Temperature .-55 °C to +125 °C
Storage Temperature..-55 °C to +125 °C
Reflow Soldering ...230 °C, 50 sec. max.
Resistance to Soldering Heat
...............................260 ˚C, 10 seconds
Materials
Base Material .............................Ceramic
Terminal.....................................Ag/Ni/Sn
Packaging..................4,000 pcs. per reel
1.3
(.051)
REF.
REF.
0.5
(0.02)
REF.
1.0
(.039)
REF.
1.0
(.039)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - CI160808-R10J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI160808-R10J BOURNS-CI160808-R10J Datasheet
218Kb / 2P
Multi-Layer Chip Inductors
logo
FENGJUI TECHNOLOGY CO.,...
CI160808-R10J FENGJUI-CI160808-R10J Datasheet
227Kb / 7P
EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - CI160808-R10J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
Multi-Layer Chip Inductors
CI201210 BOURNS-CI201210 Datasheet
751Kb / 2P
Multi-Layer Chip Inductors
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
Ferrite Multi-Layer Chip Inductors
CE201210 BOURNS-CE201210 Datasheet
208Kb / 2P
Multi-Layer Chip Inductors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
Multi-layer Chip Inductors - Ceramic
logo
Bourns Electronic Solut...
CE201210 BOURNS-CE201210_12 Datasheet
259Kb / 2P
Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505_12 Datasheet
103Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808_11 Datasheet
218Kb / 2P
Multi-Layer Chip Inductors
logo
Central Technologies
CT0201F CT-CT0201F Datasheet
86Kb / 1P
Multi-layer Chip Inductors
CTLL2012F-FH CT-CTLL2012F-FH Datasheet
306Kb / 1P
Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com