Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CI160808-R15J Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CI160808-R15J
Description  Multi-Layer Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CI160808-R15J Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CI160808-R15J Datasheet HTML 1Page - Bourns Electronic Solutions CI160808-R15J Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CI160808 Series - Multi-Layer Chip Inductors
REV. 05/05
100
10
1
Frequency (MHz)
Inductance Characteristics
10
100
1000
1000
10000
4.7nH
6.8nH
10nH
22nH
100
10
0
Q
Frequency (MHz)
Q Characteristics
20
40
60
80
100
1000
10000
22nH
10nH
6.8nH
4.7nH
Electrical Specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com