Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMW-660-RTR Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # STMW-660-RTR
Description  Sealed Tact Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

STMW-660-RTR Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  STMW-660-RTR Datasheet HTML 1Page - Bourns Electronic Solutions STMW-660-RTR Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
16.00 +0.30/-0.10
(.630 + .012/-.003)
8.00 ± 0.10
(.314 ± .003)
2.0 ± 0.10
(.079 ± .003)
4.00 ± 0.10
(.157 ± .003)
1.50 +0.25/-0.00
(.059 +.010/-0.00)
1.50 + 0.10/-0.00
(.059 + .003/-0.00)
DIA.
DIA.
ST(H,M,J,R)W Series Sealed Tact Switch
Packaging Specifications
REV. 02/06
How to Order
STM W - 6 60 - N TR
Model
STM = SMD “G” style
STH = Through-hole
STJ = SMD “J” style
STR = SMD right angle
Product Type
W = Washable
Size
6 = 6 mm
Height (STM, STH, STJ)
50 = 3.5
(N, R, V)
(0.14)
60 = 3.1
(N)
(0.12)
67 = 5.2
(N, R, V)
(0.20)
80 = 2.3
(S)
(0.09)
90 = 3.8
(N, R, V)
(0.15)
Height (STR)
10 =
0
(N, R)
(0.00)
20 = 0.8
(N, R)
(0.03)
30 = 1.0
(N, R)
(0.04)
40 = 2.3
(N, R)
(0.09)
Actuating Force
S = 160 g (Silver head)
N = 160 g (Brown head)
R = 260 g (Red head)
V = 360 g (Clear head)
Packaging Option
TR = Embossed tape (STM, STJ, STR only)
610/620/630/640 = 700 pcs.
650 = 1900 pcs.
660 = 2000 pcs.
667 = 900 pcs.
680 = 2000 pcs.
690 = 1900 pcs.
__ = 75 pcs./tube (STM, STJ, STH only)
0.40 ± 0.05
(0.02 ± .002)
1.50
(0.06)
DIA.
DIA.
1.75 ± 0.10
(0.07 ± .004)
4 ± 0.10
(0.16 ± .004)
2 ± 0.10
(0.08 ± .004)
12 ± 0.10
(0.47 ± .004)
7.5 ± 0.10
(0.30 ± .004)
16 ± 0.30
(0.63 ± .012)
4 ± 0.10
(0.16 ± .004)
7.3 ± 0.10
(0.29 ± .004)
5.5 ± 0.10
(0.22 ± .004)
7.85 ± 0.10
(0.31 ± .004)
1.50 +.10/-.00
(.059 +.004./-.00)
MM
(INCHES)
DIMENSIONS:
STRW
STJW
STMW
6.70 ± 0.10
(0.26 ± .004)
11.0 ± 0.3
(0.43 ± .012)
3.8 ± 0.2
(0.15 ± .008)
2.15 ± 0.2
(0.08 ± .008)
R1
5.0 ± 0.2
(0.20 ± .008)
10.5 ± 0.2
(0.41 ± .008)
± 0.5
(± 0.02)
STMW
STJW
STHW
Reflow Soldering Profile
Time
120-150
Sec.
60
Sec. Max.
5-10
Sec.
1-cycle reflow
250
Max. 255
230
150
Room
Temp.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com