Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32620 Datasheet(PDF) 13 Page - EPCOS

Part # B32620
Description  Metallized Polypropylene Film Capacitors (MKP) Plastic Case
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32620 Datasheet(HTML) 13 Page - EPCOS

Back Button B32620 Datasheet HTML 8Page - EPCOS B32620 Datasheet HTML 9Page - EPCOS B32620 Datasheet HTML 10Page - EPCOS B32620 Datasheet HTML 11Page - EPCOS B32620 Datasheet HTML 12Page - EPCOS B32620 Datasheet HTML 13Page - EPCOS B32620 Datasheet HTML 14Page - EPCOS B32620 Datasheet HTML 15Page - EPCOS B32620 Datasheet HTML 16Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
129 12/00
MKP
Sinus-wave application, lighting
Permissible current Ipp versus rated capacaitance CR
Lead spacing 7,5 mm
160 Vdc/90 Vac
250 Vdc/140 Vac
400 Vdc/200 Vac
630 Vdc/400 Vac
0
KMK0681-F
C
nF
050
100
150
App
Ipp
100 kHz
50 kHz
0,05
0,1
0,15
0,2
0,25
0,3
0,4
0
KMK0640-D
C
A
pp
I
nF
50 kHz
pp
020
40
60
80
100 kHz
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
0
KMK0641-L
C
A
pp
I
nF
50 kHz
pp
010
20
30
40
100 kHz
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0
KMK0642-U
C
A
pp
I
nF
50 kHz
pp
0
0,1
0,2
0,3
0,4
0,5
0,6
510
15
20
100 kHz
B32 620
7,5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com