Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RFS10 Datasheet(PDF) 14 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39RFS10 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 10Page - Texas Instruments DAC39RFS10 Datasheet HTML 11Page - Texas Instruments DAC39RFS10 Datasheet HTML 12Page - Texas Instruments DAC39RFS10 Datasheet HTML 13Page - Texas Instruments DAC39RFS10 Datasheet HTML 14Page - Texas Instruments DAC39RFS10 Datasheet HTML 15Page - Texas Instruments DAC39RFS10 Datasheet HTML 16Page - Texas Instruments DAC39RFS10 Datasheet HTML 17Page - Texas Instruments DAC39RFS10 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 178 page
background image
7.6 Electrical Characteristics - AC Specifications (continued)
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, fCLK = 10.24GHz, FINPUT = 2.56 GSPS, JMODE 1, 8b/10b encoding, 4x Interpolation, IFS_SWITCH = 20.5mA, single
tone amplitude = 0 dBFS, SE DEM and Dither (DEM_ADJ = 1 below 750 MHz and DEM_ADJ = 0 above 750MHz), 8b/10b
encoding, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
10.24 GSPS, DUAL or SINGLE CHANNEL MODE, JMODE 1, 2x Int, NRZ MODE
POUT
Output power into 100Ω
load, IFS_SWITCH = 20.5mA((3))
fOUT = 97 MHz
1.1
dBm
fOUT = 997 MHz
0.8
dBm
fOUT = 1997 MHz
0.15
dBm
fOUT = 2997 MHz
-0.8
dBm
fOUT = 3997 MHz
-3.5
dBm
Output power into 100Ω
load, IFS_SWITCH = 41mA((3))
fOUT = 97 MHz
7.0
dBm
fOUT = 997 MHz
6.8
dBm
fOUT = 1997 MHz
6.3
dBm
fOUT = 2997 MHz
5.7
dBm
fOUT = 3997 MHz
5.0
dBm
SFDR
Spurious free dynamic range (SFDR)
across 0 - FDAC/2, IFS_SWITCH =
20.5mA
fOUT = 97 MHz
85
dBc
fOUT = 997 MHz
67
dBc
fOUT = 1997 MHz
62
dBc
fOUT = 2997 MHz
61
dBc
fOUT = 3997 MHz
62
dBc
Spurious free dynamic range (SFDR)
across 0 - FDAC/2, IFS_SWITCH = 41mA
fOUT = 97 MHz
76
dBc
fOUT = 997 MHz
51
dBc
fOUT = 1997 MHz
49
dBc
fOUT = 2997 MHz
48
dBc
fOUT = 3997 MHz
51
dBc
HD2
Second harmonic (HD2), 0 - FDAC/
2, IFS_SWITCH = 20.5mA
fOUT = 97 MHz
–85
dBc
fOUT = 997 MHz
-78
dBc
fOUT = 1997 MHz
-66
dBc
fOUT = 2997 MHz
-61
dBc
fOUT = 3997 MHz
–62
dBc
Second harmonic (HD2), 0 - FDAC/
2, IFS_SWITCH = 41mA
fOUT = 97 MHz
–78
dBc
fOUT = 997 MHz
-74
dBc
fOUT = 1997 MHz
-65
dBc
fOUT = 2997 MHz
-65
dBc
fOUT = 3997 MHz
–59
dBc
HD3
Third harmonic (HD3), 0 - FDAC/
2, IFS_SWITCH = 20.5mA
fOUT = 97 MHz
–94
dBc
fOUT = 997 MHz
-68
dBc
fOUT = 1997 MHz
-63
dBc
fOUT = 2997 MHz
-63
dBc
fOUT = 3997 MHz
–74
dBc
Third harmonic (HD3), 0 - FDAC/
2, IFS_SWITCH = 41mA
fOUT = 97 MHz
–76
dBc
fOUT = 997 MHz
-51
dBc
fOUT = 1997 MHz
-49
dBc
fOUT = 2997 MHz
-48
dBc
fOUT = 3997 MHz
–51
dBc
DAC39RF10
SBASAC8 – MAY 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC39RF10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com