Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA4800CS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CA4800CS
Description  Wideband Linear Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CA4800CS Datasheet(HTML) 2 Page - NXP Semiconductors

  CA4800CS Datasheet HTML 1Page - NXP Semiconductors CA4800CS Datasheet HTML 2Page - NXP Semiconductors CA4800CS Datasheet HTML 3Page - NXP Semiconductors CA4800CS Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CA4800C,CS CA4812C,CS CA4815C,CS
2
MOTOROLA RF DEVICE DATA
IM3
IM2
Po
f1
f2
f1 + f2
2f1 - f2
ITO = Po + IM3 / 2 @ IM3 > 60 dB
Figure 1. 2–Tone Intermodulation Test A
1 2 34 5 6 78 9
C1,2,3,4 ≥ 0.01 µF (chip)
R = 200 Ohms, 1 Watt
CA4800C (Case 714P–03, Style 2)
CA4800CS (Case 714T–03, Style 1)
R
C1
C2
C3
C4
Output
Input
Pin Configuration
VCC
Figure 2. 3–Tone TV Intermodulation Test
f1
f2
f3
f1 + f3 - f2
IM3
-10 dB
-8 dB
-17 dB
Figure 3. External Connections
f1 = Video
f2 = Sideband
f3 = Sound
Psync
12 3 4 5 67 8 9
C1,2,3 ≥ 0.01 µF (chip)
Figure 4. External Connections
Pin Configuration
Output
Input
C1
C2
C3
VCC
CA4812C, CA4815C (Case 714P–03, Style 3)
CA4812CS, CA4815CS (Case 714T–03, Style 2)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com