Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG6002EB Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PMEG6002EB
Description  0.2 A very low VF MEGA Schottky barrier rectifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG6002EB Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMEG6002EB Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMEG6002EB Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMEG6002EB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMEG6002EB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMEG6002EB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMEG6002EB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG6002EB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMEG6002EB Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMEG6002EB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PMEG6002EB_PMEG6002TV_1
Product data sheet
Rev. 01 — 24 November 2006
4 of 10
Nexperia
PMEG6002EB; PMEG6002TV
0.2 A very low VF MEGA Schottky barrier rectifiers
6.
Thermal characteristics
[1]
For Schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse
power losses PR are a significant part of the total power losses.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[4]
Soldering point of cathode tab.
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
PMEG6002EB
[1][2] -
-
400
K/W
PMEG6002TV
[1][2] -
-
416
K/W
[1][3] -
-
318
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[4]
PMEG6002EB
-
-
75
K/W
PMEG6002TV
-
-
195
K/W
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
[1]
IF = 0.1 mA
-
130
170
mV
IF = 1 mA
-
190
230
mV
IF = 10 mA
-
260
300
mV
IF = 100 mA
-
420
470
mV
IF = 200 mA
-
540
600
mV
IR
reverse current
VR =10V
-
2
10
µA
VR = 60 V
-
20
100
µA
VR = 10 V; Tamb = 100 °C
-
310
-
µA
Cd
diode capacitance
VR = 1 V; f = 1 MHz
-
14
20
pF
© Nexperia B.V. 2017. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com