Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D6R80HT Datasheet(PDF) 1 Page - ITT Industries

Part # D6R80HT
Description  SPST Momentary Key Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D6R80HT Datasheet(HTML) 1 Page - ITT Industries

  D6R80HT Datasheet HTML 1Page - ITT Industries D6R80HT Datasheet HTML 2Page - ITT Industries D6R80HT Datasheet HTML 3Page - ITT Industries D6R80HT Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions shown in: mm (inch)
Dimensions subject to change
www.ittcannon.com
D
D6
SPST Momentary Key Switches
Series
D6C Square
D6R Round
D6F Flat*
D6L Plunger*
Switch Color
00
White
10
Gray
30
Yellow
40
Red
50
Green
60
Blue
80
Ivory
90
Black
D
6
Series
BTND6
Button
N
B
T
D
6
Button Color
00
White
10
Gray
30
Yellow
40
Red
50
Green
60
Blue
80
Ivory
90
Black
Switch
Buttons can be ordered
separately. Shipped in bulk.
*Available in black only.
** Only available in red, blue and black
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select desired
option from each category and place it in the appropriate box.
Features/Benefits
• Easy X, Y coding on single
side PCB
• Positive tactile feedback
• High temperature type available
• Wide variety of colors & styles
Typical Applications
• Automotive
• Video
• Electronic games
• Appliances
Electrical
SWITCHING POWER MAX.: 6 VA
SWITCHING VOLTAGE MAX.: 100 V DC
SWITCHING CURRENT MAX.: 100 mA DC
DIELECTRIC STRENGTH (50 Hz / 1 min): 1000 V
OPERATING LIFE with max. switching power:
≥ 2.5 x 105 operations
CONTACT RESISTANCE:
≤ 100 mΩ
INSULATION RESISTANCE:
≥ 1011 Ω
BOUNCE TIME:
≤ 3 ms
Mechanical
SWITCHING TRAVEL: 0,8 ± 0,2 (0.0301 ± 0.0078)
OPERATING FORCE: 1.3 N ± 30% (130 grams ± 30%)
Construction
FUNCTION: momentary
CONTACT ARRANGEMENT: 1 make contact (SPST), NO
DISTANCE BETWEEN BUTTON CENTERS, MIN.: 12,7 (0.500)
TERMINALS: PC pins
Environmental
OPERATING TEMPERATURE: -20˚C to 85˚C.
Process
SOLDERABILITY:
Hand soldering: 350˚C for 3 seconds
Wave or bath soldering: 225˚C for 5 seconds
High Temperature version: 260˚C for 5 seconds**
Cleaning: Use solvents compatible with ABS
Option
NONE Standard
HT High Temperature**
D-17


Similar Part No. - D6R80HT

ManufacturerPart #DatasheetDescription
logo
C&K Components
D6R00F1LFS CK-COMPONENTS-D6R00F1LFS Datasheet
190Kb / 4P
SPST Momentary Key Switches
D6R10F1LFS CK-COMPONENTS-D6R10F1LFS Datasheet
190Kb / 4P
SPST Momentary Key Switches
logo
List of Unclassifed Man...
D6R90LFS ETC2-D6R90LFS Datasheet
227Kb / 4P
SPST Momentary Key Switches
logo
Taiyo Yuden (U.S.A.), I...
D6RB1G960E1HB TAIYO-YUDEN-D6RB1G960E1HB Datasheet
245Kb / 2P
FBAR/SAW Devices (SAW Duplexers)
D6RB1G960E1HB TAIYO-YUDEN-D6RB1G960E1HB Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Duplexers)
2022.03.21
More results

Similar Description - D6R80HT

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
SW101 BOWEI-SW101 Datasheet
102Kb / 1P
SPST Switches
logo
C&K Components
D6C00F1LFS CK-COMPONENTS-D6C00F1LFS Datasheet
190Kb / 4P
SPST Momentary Key Switches
D6F90F1LFS CK-COMPONENTS-D6F90F1LFS Datasheet
190Kb / 4P
SPST Momentary Key Switches
logo
List of Unclassifed Man...
D6R90LFS ETC2-D6R90LFS Datasheet
227Kb / 4P
SPST Momentary Key Switches
logo
C&K Components
D6C90F1FS CK-COMPONENTS-D6C90F1FS Datasheet
190Kb / 4P
SPST Momentary Key Switches
logo
List of Unclassifed Man...
PHAP4673 ETC2-PHAP4673 Datasheet
272Kb / 2P
Momentary or latching action key switches
logo
Analog Devices
ADG601 AD-ADG601_15 Datasheet
327Kb / 12P
SPST Switches
REV. C
ADG602 AD-ADG602_15 Datasheet
327Kb / 12P
SPST Switches
REV. C
logo
BOWEI Integrated Circui...
SW10X BOWEI-SW10X Datasheet
117Kb / 1P
SPST Switches
logo
C&K Components
D6 CK-COMPONENTS-D6 Datasheet
476Kb / 4P
SPST Momentary Key Switches
21 Feb 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com